Electronic Components Datasheet Search
  English  ▼

X  

PCA9849 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9849
Description  4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9849 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9849 Datasheet HTML 1Page - NXP Semiconductors PCA9849 Datasheet HTML 2Page - NXP Semiconductors PCA9849 Datasheet HTML 3Page - NXP Semiconductors PCA9849 Datasheet HTML 4Page - NXP Semiconductors PCA9849 Datasheet HTML 5Page - NXP Semiconductors PCA9849 Datasheet HTML 6Page - NXP Semiconductors PCA9849 Datasheet HTML 7Page - NXP Semiconductors PCA9849 Datasheet HTML 8Page - NXP Semiconductors PCA9849 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
NXP Semiconductors
PCA9849
4-channel ultra-low voltage, Fm+ I2C-bus multiplexer with reset
3 Ordering information
Package
Type number
Topside
marking
Name
Description
Version
PCA9849PW
PCA9849
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4
mm
SOT403-1
Table 1. Ordering information
3.1 Ordering options
Type number
Orderable part
number
Package
Packing method
Minimum
order
quantity
Temperature range
PCA9849PW
PCA9849PWJ
TSSOP16
Reel 13" Q1/T1
*Standard mark SMD
2500
Tamb = -40 °C to +85 °C
Table 2. Ordering options
3.2 Ordering options
Type number
Orderable part
number
Package
Packing method
Minimum
order
quantity
Temperature range
PCA9849PW
PCA9849PWJ
TSSOP16
Reel 13" Q1/T1
*Standard mark SMD
2500
Tamb = -40 °C to +85 °C
Table 3. Ordering options
PCA9849
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 30 June 2023
2 / 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com