Electronic Components Datasheet Search
  English  ▼

X  

PCA9849 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9849
Description  4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9849 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9849 Datasheet HTML 3Page - NXP Semiconductors PCA9849 Datasheet HTML 4Page - NXP Semiconductors PCA9849 Datasheet HTML 5Page - NXP Semiconductors PCA9849 Datasheet HTML 6Page - NXP Semiconductors PCA9849 Datasheet HTML 7Page - NXP Semiconductors PCA9849 Datasheet HTML 8Page - NXP Semiconductors PCA9849 Datasheet HTML 9Page - NXP Semiconductors PCA9849 Datasheet HTML 10Page - NXP Semiconductors PCA9849 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
NXP Semiconductors
PCA9849
4-channel ultra-low voltage, Fm+ I2C-bus multiplexer with reset
1. START command
2. The master sends the Reserved Device ID I2C-bus address followed by the R/W bit set to 0 (write): ‘1111
1000’.
3. The master sends the I2C-bus slave address of the slave device it needs to identify. The LSB is a ‘Don’t
care’ value. Only one device must acknowledge this byte (the one that has the I2C-bus slave address).
4. The master sends a Re-START command.
Remark: A STOP command followed by a START command will reset the slave state machine and the
Device ID read cannot be performed. Also, a STOP command or a Re-START command followed by
an access to another slave device will reset the slave state machine and the Device ID Read cannot be
performed.
5. The master sends the Reserved Device ID I2C-bus address followed by the R/W bit set to 1 (read): ‘1111
1001’.
6. The Device ID Read can be done, starting with the 12 manufacturer bits (first byte + 4 MSB of the second
byte), followed by the 9 part identification bits (4 LSBs of the second byte + 5 MSBs of the third byte), and
then the 3 die revision bits (3 LSBs of the third byte).
7. The master ends the reading sequence by NACKing the last byte, thus resetting the slave device state
machine and allowing the master to send the STOP command.
Remark: The reading of the Device ID can be stopped anytime by sending a NACK command.
If the master continues to ACK the bytes after the third byte, the slave rolls back to the first byte and keeps
sending the Device ID sequence until a NACK has been detected.
For the PCA9849, the Device ID is shown in Figure 7.
0
aaa-018028
0
0
1
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
revision
1
0
0
0
0
part identification
manufacturer
Figure 7. PCA9849 Device ID field
aaa-011781
A7 A6 A5 A4 A3 A2 A1
I2C-bus target address
of the device to be identified
A
no acknowledge
from controller
P
STOP condition
M
11
M
10 M9 M8 M7 M6 M5 M4
Sr
repeated START
condition
1 A
R/W
S 1 1 1 1 1 0 0
Device ID address
START condition
0 A
R/W
acknowledge from
one or several targets
0 A
don't care
acknowledge from
target to be identified
1 1 1 1 1 0 0
Device ID address
acknowledge from
target to be identified
A M3 M2 M1 M0
acknowledge
from controller
manufacturer name = 000000000000
P8 P7 P6 P5 A
acknowledge
from controller
P4 P3 P2 P1 P0 R2 R1 R0
part identification = 100001010
revision = 000
If more than 3 bytes are read, the slave device loops back to the first byte (manufacturer byte) and keeps sending data
until the master generates a ‘no acknowledge’.
Figure 8. Device ID field read operation
PCA9849
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 30 June 2023
7 / 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com