| Electronic Components Datasheet Search |
|
PCA9849 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9849 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 27 page ![]() NXP Semiconductors PCA9849 4-channel ultra-low voltage, Fm+ I2C-bus multiplexer with reset 6.3 Control register Following the successful acknowledgement of the slave address, the bus master will send a byte to the PCA9849, which will be stored in the control register. If multiple bytes are received by the PCA9849, it will save the last byte received. This register can be written and read via the I2C-bus. aaa-028906 X X X X X B2 B1 B0 channel selection bits (read/write) 7 6 5 4 3 2 1 0 enable bit Figure 9. Control register 6.3.1 Control register definition An SCx/SDx downstream pair, or channel, is selected by the contents of the control register. This register is written after the PCA9849 has been addressed. All 8 bits of the control byte are used to determine which channel or channels are to be selected. Only the two lower bits of the control register are used to determine which channel is selected. When a channel is selected, it will become active after a STOP condition has been placed on the I2C-bus. This ensures that all SCx/SDx lines will be in a HIGH state when the channel is made active, so that no false conditions are generated at the time of connection. Notice that only a single channel may be selected at any one time. Write = channel selection; Read = channel status B7 B6 B5 B4 B3 B2 B1 B0 Command X X X X X 0 X X No channel selected X X X X X 1 0 0 Channel 0 enabled X X X X X 1 0 1 Channel 1 enabled X X X X X 1 1 0 Channel 2 enabled X X X X X 1 1 1 Channel 3 enabled 0 0 0 0 0 0 0 0 All channels disabled; power-up/reset default state Table 6. Control register Remark: Since this device is a multiplexer, only a single channel may be enabled at any one time. 6.4 RESET input The RESET input is an active LOW signal which may be used to recover from a bus fault condition. By asserting this signal LOW for a minimum of tw(rst)L, the PCA9849 will reset its registers and I2C-bus state machine and will deselect all channels. 6.5 Power-on reset When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9849 in a reset condition until VDD2 has reached VPOR. At this point, the reset condition is released and the PCA9849 registers and I2C-bus state machine are initialized to their default states (all zeroes) causing all the channels to be deselected. PCA9849 All information provided in this document is subject to legal disclaimers. © 2023 NXP B.V. All rights reserved. Product data sheet Rev. 2.0 — 30 June 2023 8 / 27 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |