Electronic Components Datasheet Search
  English  ▼

X  

PCA9849 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9849
Description  4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9849 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9849 Datasheet HTML 1Page - NXP Semiconductors PCA9849 Datasheet HTML 2Page - NXP Semiconductors PCA9849 Datasheet HTML 3Page - NXP Semiconductors PCA9849 Datasheet HTML 4Page - NXP Semiconductors PCA9849 Datasheet HTML 5Page - NXP Semiconductors PCA9849 Datasheet HTML 6Page - NXP Semiconductors PCA9849 Datasheet HTML 7Page - NXP Semiconductors PCA9849 Datasheet HTML 8Page - NXP Semiconductors PCA9849 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
NXP Semiconductors
PCA9849
4-channel ultra-low voltage, Fm+ I2C-bus multiplexer with reset
5 Pinning information
5.1 Pinning
PCA9849PW
VDD1
VDD2
A0
SDA
RESET
SCL
SD0
A1
SC0
SC3
SD1
SD3
SC1
SC2
VSS
SD2
aaa-018026
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Figure 2. Pin configuration for TSSOP16
5.2 Pin description
Symbol
Pin
Description
VDD1
1
logic level power supply
A0
2
address input 0
RESET
3
active LOW reset input
SD0
4
serial data 0
SC0
5
serial clock 0
SD1
6
serial data 1
SC1
7
serial clock 1
VSS
8
supply ground
SD2
9
serial data 2
SC2
10
serial clock 2
SD3
11
serial data 3
SC3
12
serial clock 3
A1
13
address input 1
SCL
14
serial clock line
SDA
15
serial data line
VDD2
16
core logic power supply
Table 4. Pin description
6 Functional description
Refer to Figure 1.
PCA9849
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 30 June 2023
4 / 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com