Electronic Components Datasheet Search
  English  ▼

X  

PCA9849 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9849
Description  4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9849 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9849 Datasheet HTML 7Page - NXP Semiconductors PCA9849 Datasheet HTML 8Page - NXP Semiconductors PCA9849 Datasheet HTML 9Page - NXP Semiconductors PCA9849 Datasheet HTML 10Page - NXP Semiconductors PCA9849 Datasheet HTML 11Page - NXP Semiconductors PCA9849 Datasheet HTML 12Page - NXP Semiconductors PCA9849 Datasheet HTML 13Page - NXP Semiconductors PCA9849 Datasheet HTML 14Page - NXP Semiconductors PCA9849 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
NXP Semiconductors
PCA9849
4-channel ultra-low voltage, Fm+ I2C-bus multiplexer with reset
Another point to examine is that there is no buffering capability between the upstream and the downstream
buses. This is simply a pass transistor, which acts like a switch and a series resistor, between these bus
segments. The series resistance is the Ron of the pass transistor and is inversely proportional to the minimum
of VDD1 + VTH or VDD2, where VTH is approximately 0.8 V. Refer to Table 9 for some representative Ron values.
An upcoming application note will explain Ron more thoroughly. Therefore, a careful analysis of bus capacitance
and pull-up resistor values is called for.
A further point to consider is pull-up resistor selection. When a downstream channel is selected, the resistors on
the upstream or master side and the resistors on the downstream or slave side are effectively in parallel. Ensure
each device can correctly drive the effiective pull-up resistor value and still meet the LOW-level specifications.
PCA9849
SC0
SD0
SDA
SCL
1.8 V
0.8 V
MICRO-
CONTROLLER
aaa-018029
SDA
SCL
SC1
SD1
SC2
SD2
VDD2
0.8 V
VDD1
3.3 V 3.3 V
1.8 V 1.8 V
2.5 V 2.5 V
SCL
SDA
TEMP
SENSOR
3.3 V
SCL
SDA
GPIO
1.8 V
SCL
SDA
POWER MGMT
CONTROLLER
2.5 V
VDD
0.8 V 0.8 V
SC3
SD3
0.8 V to 3.6 V
SCL
SDA
I2C-BUS
PERIPHERAL
0.8 V to 3.6 V
Figure 13. Typical application for PCA9849 with differing bus voltages
7 Characteristics of the I2C-bus
The PCA9849 is an I2C slave device. Data is exchanged between the master and the PCA9849 through write
and read commands conforming to the I2C-bus protocol. The two communication lines are SCL (serial clock)
and SDA (serial data), both of which must be connected to VDD1 through pull-up resistors.
7.1 Write commands
Data is transmitted to the PCA9849 by sending its device address and setting the Least Significant Bit (LSB)
to a logic 0 (see Table 5 for device addresses), which the PCA9849 acknowledges (ACK). The control register
byte is sent after the address that determines which downstream channel is connected to the upstream channel
by bit 0 through bit 2. Bit 7 through bit 3 are ignored and can be written with any data. There is no limit on the
number of bytes sent after the address and before a STOP condition, only the last byte written before the STOP
condition is recognized and the selected channel is enabled only at the following STOP condition.
PCA9849
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 30 June 2023
11 / 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com