Electronic Components Datasheet Search
  English  ▼

X  

PCA9849 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9849
Description  4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9849 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9849 Datasheet HTML 9Page - NXP Semiconductors PCA9849 Datasheet HTML 10Page - NXP Semiconductors PCA9849 Datasheet HTML 11Page - NXP Semiconductors PCA9849 Datasheet HTML 12Page - NXP Semiconductors PCA9849 Datasheet HTML 13Page - NXP Semiconductors PCA9849 Datasheet HTML 14Page - NXP Semiconductors PCA9849 Datasheet HTML 15Page - NXP Semiconductors PCA9849 Datasheet HTML 16Page - NXP Semiconductors PCA9849 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
NXP Semiconductors
PCA9849
4-channel ultra-low voltage, Fm+ I2C-bus multiplexer with reset
[1]
The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which
are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 125 °C.
9 Static characteristics
VSS = 0 V; Tamb = -40 °C to +85 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD1
supply voltage 1
0.8
-
3.6
V
VDD2
supply voltage 2
1.65
-
3.6
V
VDD1 = 3.6 V, VDD2 = 3.6 V; SC0 to SC7
and SD0 to SD7 not connected; RESET
= VDD1; A0 = A1 = SCL; continuous
register read/write
fSCL = 0 kHz
-
5
12
μA
fSCL = 100 kHz
-
8
20
μA
IDD(VDD2) supply current on pin VDD2
fSCL = 1000 kHz
-
65
150
μA
VDD1 = 3.6 V, VDD2 = 3.6 V; SC0 to SC7
and SD0 to SD7 not connected; RESET
= VDD1; A0 = A1 = SCL; continuous
register read/write
fSCL = 0 kHz
-5
-2
+2
μA
fSCL = 100 kHz
-
5
15
μA
IDD(VDD1) supply current on pin VDD1
fSCL = 1000 kHz
-
45
100
μA
VPOR
power-on reset voltage
-
1.2
1.5
V
Input SCL; input/output SDA
VDD1 ≤ 1.1 V
-0.5
-
+0.2VDD1 V
VIL
LOW-level input voltage
VDD1 > 1.1 V
-0.5
-
+0.3VDD1 V
VDD1 = ≤ 1.1 V
0.8VDD1 -
3.6
V
VIH
HIGH-level input voltage
VDD1 > 1.1 V
0.7VDD1 -
3.6
V
VOL = 0.4 V; VDD2 ≤ 2 V
15
-
-
mA
IOL
LOW-level output current
VOL = 0.4 V; VDD2 > 2 V
20
-
-
mA
IL
leakage current
VI = VDD or VSS
-1
-
+1
μA
Ci
input capacitance[1]
VI = VSS; all channels disabled
-
20
40
pF
Select inputs A0 to A1, RESET
VDD1 ≤ 1.1 V
-0.5
-
+0.2VDD1 V
VIL
LOW-level input voltage
VDD1 > 1.1 V
-0.5
-
+0.3VDD1 V
VDD1 ≤ 1.1 V
0.8VDD1 -
3.6
VIH
HIGH-level input voltage
VDD1 > 1.1 V
0.7VDD1 -
3.6
V
ILI
input leakage current
pin at VDD2 to 3.6 V or VSS
-1
-
+1
μA
Ci
input capacitance[1]
VI = VSS or VDD1
-
5
10
pF
Table 9. Static characteristics
PCA9849
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 30 June 2023
13 / 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com