Electronic Components Datasheet Search
  English  ▼

X  

PCA9849 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9849
Description  4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9849 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9849 Datasheet HTML 8Page - NXP Semiconductors PCA9849 Datasheet HTML 9Page - NXP Semiconductors PCA9849 Datasheet HTML 10Page - NXP Semiconductors PCA9849 Datasheet HTML 11Page - NXP Semiconductors PCA9849 Datasheet HTML 12Page - NXP Semiconductors PCA9849 Datasheet HTML 13Page - NXP Semiconductors PCA9849 Datasheet HTML 14Page - NXP Semiconductors PCA9849 Datasheet HTML 15Page - NXP Semiconductors PCA9849 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
NXP Semiconductors
PCA9849
4-channel ultra-low voltage, Fm+ I2C-bus multiplexer with reset
aaa-019449
B7 B6 B5 B4 B3 B2 B1 B0
1/0
1
1/0 1/0 1/0 1/0
0
A
S
1
A
P
slave address
START condition
R/W acknowledge
from slave
acknowledge
from slave
control register
SDA
STOP condition
Refer to Table 5.
Figure 14. Write control register
7.2 Read commands
Data is read from the PCA9849 by sending its device address and setting the Least Significant Bit (LSB) to a
logic 1 (see Table 5 for device addresses), which the PCA9849 acknowledges. The control register byte is read
by the master with each byte either ACK or NACK by the master. If the master ACKs the control register byte, it
continues to send register data until the master NACKs, signaling the transaction is complete. There is no limit
on the number of bytes read from the PCA9849.
The control register bit definitions are shown in Figure 9. Bit 0 through bit 2 will show the enabled channels (as
determined by the last write).
aaa-019450
B7 B6
B3 B2 B1 B0
1/0
1
1/0 1/0 1/0 1/0
1
A
S
1
NA
P
target address
START condition
R/W acknowledge
from target
no acknowledge
from controller
control register
SDA
STOP condition
last byte
B5 B4
Refer to Table 5.
Figure 15. Read control register
8 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Voltages are referenced to VSS (ground = 0 V)[1].
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
-0.5
+4.0
V
VI
input voltage
-0.5
+4.0
V
II
input current
-
±20
mA
IO
output current
-
±25
mA
IDD
supply current
-
±100
mA
ISS
ground supply current
-
±100
mA
Ptot
total power dissipation
-
400
mW
Tstg
storage temperature
-60
+150
°C
Tamb
ambient temperature
operating
-40
+85
°C
Table 8. Limiting values
PCA9849
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 30 June 2023
12 / 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com