Electronic Components Datasheet Search
  English  ▼

X  

BLW32 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLW32
Description  UHF linear power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW32 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLW32 Datasheet HTML 2Page - NXP Semiconductors BLW32 Datasheet HTML 3Page - NXP Semiconductors BLW32 Datasheet HTML 4Page - NXP Semiconductors BLW32 Datasheet HTML 5Page - NXP Semiconductors BLW32 Datasheet HTML 6Page - NXP Semiconductors BLW32 Datasheet HTML 7Page - NXP Semiconductors BLW32 Datasheet HTML 8Page - NXP Semiconductors BLW32 Datasheet HTML 9Page - NXP Semiconductors BLW32 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
August 1986
6
Philips Semiconductors
Product specification
UHF linear power transistor
BLW32
Fig.5 Typical values; Tj =25 °C.
handbook, halfpage
0
250
500
750
50
0
hFE
MGP432
IC (mA)
25
5 V
VCE = 25 V
Fig.6 IE =Ie = 0; f = 1 MHz; Tj =25 °C.
handbook, halfpage
010
20
30
10
0
Cc
(pF)
MGP433
VCB (V)
5
typ
Fig.7 VCB = 25 V; f = 500 MHz; Tj =25 °C.
handbook, full pagewidth
750
4
fT
(GHz)
0
0
−IE (mA)
MGP434
2
3
1
500
250
typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com