Electronic Components Datasheet Search
  English  ▼

X  

BLW32 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLW32
Description  UHF linear power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW32 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLW32 Datasheet HTML 3Page - NXP Semiconductors BLW32 Datasheet HTML 4Page - NXP Semiconductors BLW32 Datasheet HTML 5Page - NXP Semiconductors BLW32 Datasheet HTML 6Page - NXP Semiconductors BLW32 Datasheet HTML 7Page - NXP Semiconductors BLW32 Datasheet HTML 8Page - NXP Semiconductors BLW32 Datasheet HTML 9Page - NXP Semiconductors BLW32 Datasheet HTML 10Page - NXP Semiconductors BLW32 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
August 1986
7
Philips Semiconductors
Product specification
UHF linear power transistor
BLW32
APPLICATION INFORMATION
Note
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak sync level.
List of components:
fvision (MHz)
VCE (V)
IC (mA)
Th (°C)
dim(dB) (1)
Po sync (W) (1)
Gp (dB)
860
25
150
70
−60
>
0,5
>
11
860
25
150
70
−60
typ.
0,58
typ.
12,2
860
25
150
25
−60
typ.
0,63
typ.
12,2
C1 = C7 = 2 to 18 pF film dielectric trimmer (cat. no. 2222 809 05003)
C2 = C6 = C8 = 1 to 3,5 pF film dielectric trimmer (cat. no. 2222 809 05001) placed 24 mm, 17 mm
and 45 mm respectively from transistor edge
C3 = 1,8 to 10 pF film dielectric trimmer (cat. no. 2222 809 05002)
C4 = C5 = 3 pF multilayer chip capacitor (ATC 100A-3RO-C-PX-50)
C9 = C12 = 1 nF chip capacitor
C10 = 100 nF polyester capacitor
C11 = C13 = 470 nF polyester capacitor
C14 = 10 nF polyester capacitor
C15 = 3,3
µF/40 V solid aluminium electrolytic capacitor
L1 = stripline (5,0 mm
× 4,5 mm)
L2 = stripline (13,2 mm
× 4,5 mm)
L3 = stripline (15,0 mm
× 4,5 mm)
L4 = micro choke 0,47
µH (cat. no. 4322 057 04770)
L5 = 4 turns closely wound enamelled Cu wire (1,0 mm); int. dia. 5,5 mm; leads 2
× 4 mm
L6 = stripline (37,0 mm
× 4,5 mm)
L7 = stripline (13,5 mm
× 4,5 mm)
Fig.8 Test circuit at fvision = 860 MHz.
handbook, full pagewidth
MGP435
+VBB
+VCC
50
Ω
L1
L2
L3
T.U.T.
C1
C3
C4
L4
C9
C2
C10
C11
C12
C13
C14
C15
C5
C8
C6
L7
C7
L6
L5
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com