Electronic Components Datasheet Search
  English  ▼

X  

BLW32 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLW32
Description  UHF linear power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW32 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLW32 Datasheet HTML 4Page - NXP Semiconductors BLW32 Datasheet HTML 5Page - NXP Semiconductors BLW32 Datasheet HTML 6Page - NXP Semiconductors BLW32 Datasheet HTML 7Page - NXP Semiconductors BLW32 Datasheet HTML 8Page - NXP Semiconductors BLW32 Datasheet HTML 9Page - NXP Semiconductors BLW32 Datasheet HTML 10Page - NXP Semiconductors BLW32 Datasheet HTML 11Page - NXP Semiconductors BLW32 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
August 1986
10
Philips Semiconductors
Product specification
UHF linear power transistor
BLW32
Fig.12 Input impedance (series components).
Typical values; VCE = 25 V;
IC = 150 mA; Th =70 °C
handbook, halfpage
10
−30
MGP439
10
102
103
−20
−10
0
ri, xi
(
Ω)
f (MHz)
ri
xi
Fig.13 Load impedance (series components).
Typical values; VCE = 25 V;
IC = 150 mA; Th =70 °C
handbook, halfpage
100
0
MGP440
10
102
103
25
50
75
RL
XL
RL, XL
(
Ω)
f (MHz)
Fig.14
Typical values; VCE = 25 V;
IC = 150 mA; Th =70 °C
handbook, halfpage
35
5
MGP441
10
102
103
Gp
(dB)
15
25
f (MHz)
Ruggedness
The BLW32 is capable of withstanding a load mismatch
(VSWR = 50 through all phases) under the following
conditions:
f = 860 MHz; VCE = 25 V; IC = 150 mA;
Th =70 °C and PL = 1 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com