Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9640
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9640 Datasheet HTML 33Page - Analog Devices AD9640 Datasheet HTML 34Page - Analog Devices AD9640 Datasheet HTML 35Page - Analog Devices AD9640 Datasheet HTML 36Page - Analog Devices AD9640 Datasheet HTML 37Page - Analog Devices AD9640 Datasheet HTML 38Page - Analog Devices AD9640 Datasheet HTML 39Page - Analog Devices AD9640 Datasheet HTML 40Page - Analog Devices AD9640 Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
Rev. PrD | Page 41 of 41
OUTLINE DIMENSIONS
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VMMD-4
PIN 1
INDICATOR
TOP
VIEW
8.75
BSC SQ
9.00
BSC SQ
1
64
16
17
49
48
32
33
0.50
0.40
0.30
0.50 BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
7.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
EXPOSED PAD
(BOTTOM VIEW)
0.30
0.25
0.18
SEATING
PLANE
PIN 1
INDICATOR
7.25
7.10 SQ
6.95
Figure 29. 64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
9mm x 9mm Body, Very Thin Quad
(CP-64-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9640BCPZ-150
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-3
AD9640BCPZ-125
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-3
AD9640BCPZ-105
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-3
AD9640BCPZ-80
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-64-3
AD9640/PCB
Evaluation Board with AD9640 and Software
© 2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR06547-0-12/06(PrA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com