Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9640
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9640 Datasheet HTML 13Page - Analog Devices AD9640 Datasheet HTML 14Page - Analog Devices AD9640 Datasheet HTML 15Page - Analog Devices AD9640 Datasheet HTML 16Page - Analog Devices AD9640 Datasheet HTML 17Page - Analog Devices AD9640 Datasheet HTML 18Page - Analog Devices AD9640 Datasheet HTML 19Page - Analog Devices AD9640 Datasheet HTML 20Page - Analog Devices AD9640 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Preliminary Technical Data
AD9640
Rev. PrD | Page 17 of 41
THEORY OF OPERATION
The AD9640 dual ADC design may be used for diversity
reception of signals, where the ADCs are operating identically
on the same carrier but from two separate antennae. The ADCs
can also be operated with independent analog inputs. The user
can sample any fs/2 frequency segment from dc to 100 MHz
using appropriate low-pass or band-pass filtering at the ADC
inputs with little loss in ADC performance. Operation to 200
MHz analog input is permitted, but at the expense of increased
ADC distortion.
In non-diversity applications, the AD9640 can be used as a
baseband receiver where one ADC is used for I input data and
the other used for Q input data.
Synchronizaton capability is provided to allow synchronized
timing between multiple channels or multiple devices.
Programming and control of the AD9640 is accomplished using
a 3-bit SPI compatible serial interface.
ADC ARCHITECTURE
The AD9640 architecture consists of a dual front-end sample
and hold amplifier (SHA) followed by a pipelined switched
capacitor ADC. The quantized outputs from each stage are
combined into a final 14-bit result in the digital correction
logic. The pipelined architecture permits the first stage to
operate on a new input sample, while the remaining stages
operate on preceding samples. Sampling occurs on the rising
edge of the clock.
Each stage of the pipeline, excluding the last, consists of a low
resolution flash ADC connected to a switched capacitor DAC
and interstage residue amplifier (MDAC). The residue amplifier
magnifies the difference between the reconstructed DAC output
and the flash input for the next stage in the pipeline. One bit of
redundancy is used in each stage to facilitate digital correction
of flash errors. The last stage simply consists of a flash ADC.
The input stage of each channel contains a differential SHA that
can be ac- or dc-coupled in differential or single-ended modes.
The output-staging block aligns the data, carries out the error
correction, and passes the data to the output buffers. The output
buffers are powered from a separate supply, allowing
adjustment of the output voltage swing. During power-down,
the output buffers go into a high impedance state.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD9640 is a differential switched
capacitor SHA that has been designed for optimum
performance while processing a differential input signal.
The clock signal alternatively switches the SHA between sample
mode and hold mode (see x). When the SHA is switched into
sample mode, the signal source must be capable of charging the
sample capacitors and settling within one-half of a clock cycle.
A small resistor in series with each input can help reduce the
peak transient current required from the output stage of the
driving source. A shunt capacitor can be placed across the
inputs to provide dynamic charging currents. This passive
network creates a low-pass filter at the ADC’s input; therefore,
the precise values are dependant upon the application.
In IF undersampling applications, any shunt capacitors should
be reduced. In combination with the driving source impedance,
they would limit the input bandwidth. See the application notes
AN-742 and AN-827, and the Analog Dialogue article
“Transformer-Coupled Front-End for Wideband A/D Converters”
for more information on this subject. In general, the precise
values are dependent on the application.
Figure21. Switched-Capacitor SHA Input
For best dynamic performance, the source impedances driving
VIN+ and VIN– should be matched.
An internal differential reference buffer creates positive and
negative reference voltages that define the input span of the
ADC core. The span of the ADC core is set by the buffer to be
2X VREF.
Input Common Mode
The analog inputs of the AD9640 are not internally dc-biased.
In ac-coupled applications, the user must provide this bias
externally. Setting the device so that VCM = 0.5 × AVDD is
recommended for optimum performance, but the device
functions over a wider range with reasonable performance (see
Figure x). An on-board common-mode voltage reference is
included in the design and is available from the CML pin.
Optimum performance is achieved when the common-mode
voltage of the analog input is set by the CML pin voltage
(typically 0.55 × AVDD).
Differential Input Configurations
Optimum performance is achieved while driving the AD9640
in a differential input configuration. For baseband applications,
the AD8138 differential driver provides excellent performance
and a flexible interface to the ADC. The output common-mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com