Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9640
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9640 Datasheet HTML 28Page - Analog Devices AD9640 Datasheet HTML 29Page - Analog Devices AD9640 Datasheet HTML 30Page - Analog Devices AD9640 Datasheet HTML 31Page - Analog Devices AD9640 Datasheet HTML 32Page - Analog Devices AD9640 Datasheet HTML 33Page - Analog Devices AD9640 Datasheet HTML 34Page - Analog Devices AD9640 Datasheet HTML 35Page - Analog Devices AD9640 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
AD9640
Preliminary Technical Data
Rev. PrD | Page 32 of 41
SERIAL PORT INTERFACE (SPI)
The AD9640 serial port interface (SPI) allows the user to
configure the converter for specific functions or operations
through a structured register space provided inside the ADC.
This gives the user added flexibility and customization
depending on the application. Addresses are accessed via the
serial port and may be written to or read from via the port.
Memory is organized into bytes that can be further divided
down into fields, which are documented in the Memory Map
section. Detailed operational information can be found in the
Analog Devices user manual titled Interfacing to High Speed
ADCs via SPI at www.analog.com.
CONFIGURATION USING THE SPI
There are three pins that define the SPI of this ADC. They are
the SCLK/DFS, SDIO/DCS, and CSB pins (summarized inTable
x). The SCLK/DFS (serial clock) is used to synchronize the read
and write data presented from/to the ADC. The SDIO/DCS
(serial data input/output) is a dual purpose pin that allows data
to be sent and read from the internal ADC memory map
registers. The CSB (chip select bar) is an active low control that
enables or disables the read and write cycles.
Table xx. Serial Port Interface Pins
Pin
Function
SCLK
SCLK (Serial Clock) is the serial shift clock in. SCLK is
used to synchronize serial interface reads and writes.
SDIO
SDIO (Serial Data Input/Output) is a dual purpose pin.
The typical role for this pin is an input and output
depending on the instruction being sent and the
relative position in the timing frame.
CSB
CSB (Chip Select Bar) is active low controls that gates
the read and write cycles.
The falling edge of the CSB in conjunction with the rising edge
of the SCLK determines the start of the framing. An example of
the serial timing and its definitions can be found in Figure x
and Table x.
Other modes involving the CSB are available. The CSB can be
held low indefinitely which permanently enabling the device,
this is called streaming. The CSB may stall high between bytes
to allow for additional external timing. When CSB is tied high,
SPI functions are placed in a high impedance more. This mode
turns on any SPI pin secondary functions.
During an instruction phase a 16bit instruction is transmitted.
Data follows the instruction phase and it’s length is determined
by the W0 and W1 bits. All data is composed of 8bit words. The
first bit of each individual byte of serial data indicates whether a
read or write command is issued. This allows the serial data
input/output (SDIO) pin to change direction from an input to
an output.
In addition to word length, the instruction phase determines if
the serial frame is a read or write operation, allowing the serial
port to be used both to program the chip as well as read the
contents of the on-chip memory. If the instruction is a readback
operation, performing a readback causes the serial data input/
output (SDIO) pin to change direction from an input to an
output at the appropriate point in the serial frame.
Data may be sent in MSB or in LSB first mode. MSB first is
default on power up and may be changed via the configuration
register. For more information about this and other features see
“Interfacing to High Speed ADCs via SPI” at www.analog.com.
Table xx. SPI Timing Diagram Specifications
Spec
Name
Meaning
tDS
Setup time between data and rising edge of SCLK
tDH
Hold time between data and rising edge of SCLK
tCLK
Period of the clock
tS
Setup time between CSB and SCLK
tH
Hold time between CSB and SCLK
tHI
Minimum period that SCLK should be in a logic high
state
tLO
Minimum period that SCLK should be in a logic low
state
HARDWARE INTERFACE
The pins described in Table xError! Reference source not
found.
comprise the physical interface between the user’s
programming device and the serial port of the AD9640. All
serial pins are inputs, which should be tied to an external pull-
up or pull-down resistor (suggested value 10 kΩ).
The SPI interface is flexible enough to be controlled by either
FPGAs or mirocontrollers. This provides the user the ability use
an alternate method to program the ADC other than a
dedicated SPI controller.
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Since the
SCLK, CSB and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade the converter’s
performance. If the on board SPI Bus is utilized for other
devices it may be necessary to provide buffers between this bus
and the AD9640 in order to keep these signals from
transitioning at the converter inputs during critical sampling
periods.
Some pins serve a dual function when the SPI interface is not
being used. When the pins are strapped to AVDD or ground
during device power on, they are associated with a specific
function. The TBD section describes the strappable functions
supported on the AD9640.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com