Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9640
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9640 Datasheet HTML 10Page - Analog Devices AD9640 Datasheet HTML 11Page - Analog Devices AD9640 Datasheet HTML 12Page - Analog Devices AD9640 Datasheet HTML 13Page - Analog Devices AD9640 Datasheet HTML 14Page - Analog Devices AD9640 Datasheet HTML 15Page - Analog Devices AD9640 Datasheet HTML 16Page - Analog Devices AD9640 Datasheet HTML 17Page - Analog Devices AD9640 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
AD9640
Preliminary Technical Data
Rev. PrD | Page 14 of 41
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V; DVDD =1.8V; DRVDD = 1.8 V; Sample Rate = 150 MSPS, DCS enabled, 1 V internal reference; 2 V p-p differential input;
VIN = -1.0 dBFS; 64k sample; TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com