Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9640
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9640 Datasheet HTML 5Page - Analog Devices AD9640 Datasheet HTML 6Page - Analog Devices AD9640 Datasheet HTML 7Page - Analog Devices AD9640 Datasheet HTML 8Page - Analog Devices AD9640 Datasheet HTML 9Page - Analog Devices AD9640 Datasheet HTML 10Page - Analog Devices AD9640 Datasheet HTML 11Page - Analog Devices AD9640 Datasheet HTML 12Page - Analog Devices AD9640 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Preliminary Technical Data
AD9640
Rev. PrD | Page 9 of 41
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
ELECTRICAL
AVDD, DVDD to AGND
−0.3 V to +2.0 V
DRVDD to DRGND
−0.3 V to +3.9 V
AGND to DRGND
−0.3 V to +0.3 V
VIN+A/B, VIN-A/B to AGND
−0.3 V to AVDD + 0.2 V
CSB to AGND
−0.3 V to +3.9V
D0A/B through D13A/B to DRGND
−0.3 V to DRVDD + 0.3 V
FD0A/B through FD3A/B to DRGND
−0.3 V to DRVDD + 0.3 V
DCOA/B to DRGND
−0.3 V to DRVDD + 0.3 V
VREF to AGND
−0.3 V to AVDD + 0.3 V
SENSE to AGND
−0.3 V to AVDD + 0.2 V
ENVIRONMENTAL
Operating Temperature Range
(Ambient)
−40°C to +85°C
Maximum Junction Temperature
Under Bias
150°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
The exposed paddle must be soldered to the ground plane for
the LFCSP package. Soldering the exposed paddle to the
customer board increases the reliability of the solder joints,
maximizing the thermal capability of the package.
Table 6. Thermal Resistance
Package Type
θJA
θJC
Unit
64 lead LFCSP 9 mm sq.
(CP-64-3)
24
TBD
°C/W
Typical θJA and θJC are specified for a 4-layer board in still air.
Airflow increases heat dissipation effectively reducing θJA. In
addition, metal in direct contact with the package leads from
metal traces, and through holes, ground, and power planes,
reduces the θJA.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com