Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9640
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9640 Datasheet HTML 16Page - Analog Devices AD9640 Datasheet HTML 17Page - Analog Devices AD9640 Datasheet HTML 18Page - Analog Devices AD9640 Datasheet HTML 19Page - Analog Devices AD9640 Datasheet HTML 20Page - Analog Devices AD9640 Datasheet HTML 21Page - Analog Devices AD9640 Datasheet HTML 22Page - Analog Devices AD9640 Datasheet HTML 23Page - Analog Devices AD9640 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
AD9640
Preliminary Technical Data
Rev. PrD | Page 20 of 41
0.
1
uF
VREF
SENSE
R2
R1
0.5V
AD9640
VIN-A/VIN-B
VIN+A/VIN+B
SELECT
LOGI
C
ADC
CORE
1.
0
uF
Figure 10. Programmable Reference Configuration
If the internal reference of the AD9640 is used to drive multiple
converters to improve gain matching, the loading of the
reference by the other converters must be considered. Figure 11
depicts how the internal reference voltage is affected by loading.
Figure 11. VREF Accuracy vs. Load
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift
characteristics. Figure 12 shows the typical drift characteristics
of the internal reference in both 1 V and 0.5 V modes.
Figure 12. Typical VREF Drift
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
TBD kΩ load. The internal buffer generates the positive and
negative full-scale references for the ADC core. Therefore, the
external reference must be limited to a maximum of 1 V.
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD9640 sample clock inputs
(CLK+ and CLK-) should be clocked with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK- pins
via a transformer or capacitors. These pins are biased internally
(See Figure 13) and require no external bias.
1.2V
CLK+
CLK-
2pF
2pF
AVDD
Figure
Figure 13.Equivalent Clock Input Circuit
Clock Input Options
The AD9640 has a very flexible clock input structure. The clock
input can be a CMOS, LVDS, LVPECL, or sine wave signal.
Regardless of the type of signal being used, the jitter of the clock
source is of the most concern, as described in the Jitter
Considerations section.
Figure 14 shows one preferred method for clocking the AD9640
(at clock rates to 150MSPS). A low jitter clock source is
converted from single-ended to differential signal using an RF
transformer. The back-to-back Schottky diodes across the
transformer secondary limit clock excursions into the AD9640
to approximately 0.8 Vp-p differential. This helps prevent the
large voltage swings of the clock from feeding through to other
portions of the AD9640 while preserving the fast rise and fall
times of the signal, which are critical to a low jitter
performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HMS2812
CLOCK
INPUT
50kΩ
100kΩ
~ CLK
CLK
ADC
AD9640
MIN-CIRCUITS
ADT1–1WT, 1:1Z
XFMR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com