Electronic Components Datasheet Search
  English  ▼

X  

AD9640 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9640
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9640 Datasheet HTML 25Page - Analog Devices AD9640 Datasheet HTML 26Page - Analog Devices AD9640 Datasheet HTML 27Page - Analog Devices AD9640 Datasheet HTML 28Page - Analog Devices AD9640 Datasheet HTML 29Page - Analog Devices AD9640 Datasheet HTML 30Page - Analog Devices AD9640 Datasheet HTML 31Page - Analog Devices AD9640 Datasheet HTML 32Page - Analog Devices AD9640 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
Preliminary Technical Data
AD9640
Rev. PrD | Page 29 of 41
DC CORRECTION
Since the DC offset of the ADC can be significantly larger than
the signal we are trying to measure a simple DC correction
circuit is included to null the DC offset before measuring the
power. The DC Correction circuit can also be switched into the
main signal path but this may not be appropriate if the ADC is
digitizing a time-varying signal with significant DC content
such as GSM.
DC Correction Bandwidth
The DC correction circuit is basically a HP filter with a
programmable BW ranging between 0.15Hz and 1.2kHz. The
BW is controlled by writing the 4-bit DC correction register
located in bits 5:2 at address 0x10C. Table xx shows the BW
values for each of the 16 possible programmed values.
Table xx. DC Correction Bandwidth Settings
DC Correction Factor
reg.10C<5:2>
Bandwidth (Hz)
0000
1218.56
0001
609.28
0010
304.64
0011
152.32
0100
76.16
0101
38.08
0110
19.04
0111
9.52
1000
4.76
1001
2.38
1010
1.19
1011
0.60
1100
0.30
1101
0.15
1110
0.15
1111
0.15
DC Correction Readback
The current DC correction value can be read back in registers
0x10D and 0x10E for channel A and registers 0x10F and 0x110
for channel B. The DC correction value is a 14 bit value that
can span the entire input range of the ADC.
DC Correction Freeze
Setting the DC Correction Freeze bits freezes the DC correction
at its current state and continues to use the last updated value as
the DC correction value. Clearing this bit restarts the DC
correction and adds the currently calculated value to the data.
DC Correction Enable Bits
Setting bit 0 of register 0x10C enables the DC correction for use
in the Signal monitor calculations. The calculated DC
correction value can be added to the output data signal path by
setting bit 1 of register 0x10C.
SIGNAL MONITOR SPORT OUTPUT
The SPORT is a serial interface with three output pins, the SMI
SCLK (SPORT clock), SMI_SDFS (SPORT frame sync) and
SMI_SDO (SPORT data). The SPORT is the master, and drives
all three pins out of the chip.
SMI SCLK
The data and frame sync are driven on the positive edge of the
SMI SCLK. The SMI SCLK has three possible baud rates. They
are ½, ¼, or 1/8 the ADC clock rate, based on the SPORT
controls. The SMI SCLK can also be gated off when not sending
any data, based on the SMI SCLK sleep bit. Gating off the SMI
SCLK when it is not needed will reduce the coupling errors
back into the signal path if these prove to be a problem in the
system. This has the disadvantage of spreading the frequency
content of the clock so this can be left running to ease
frequency planning if desired.
SMI SDFS
The SMI_SDFS is the Serial Data Frame Sync, and defines the
start of a frame. One SPORT frame includes data from both
datapaths. The data from Datapath A is sent just after the frame
sync, followed by data from Datapath B.
SMI SDO
The SMI_SDO is the serial data out of the block. The data is
sent MSB first on the next positive edge after the SMI_SDFS.
Each data output block includes one or more of RMS
magnitude, Peak level, and Threshold Crossing values from
both datapaths in the stated order. If enabled the data is sent
RMS first, followed by Peak, and Threshold as shown in Figure
x.
Figure 26. Signal monitor SPORT Output Timing (RMS, Peak, and Threshold
Enabled)
Figure 27. Signal monitor SPORT Output Timing (RMS and Threshold
Enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com