Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 220 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 220 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 216Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 217Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 218Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 219Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 220Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 221Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 222Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 223Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 224Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 319 page
background image
ST7789V2
Version 1.0
Page 220 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.29 VSCSAD (37h): Vertical Scroll Start Address of RAM
37H
VSCSAD (Vertical Scroll Start Address of RAM)
Inst / Para
D/CX WRX RDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
VSCSAD
0
↑
1
-
0
0
1
1
0
1
1
1
(37h)
1ST parameter
1
↑
1
-
VSP15
VSP14
VSP13
VSP12
VSP11
VSP10
VSP9
VSP8
2ND parameter
1
↑
1
-
VSP7
VSP6
VSP5
VSP4
VSP3
VSP2
VSP1
VSP0
Description
-This command is used together with Vertical Scrolling Definition (33h).
-These two commands describe the scrolling area and the scrolling mode.
-The Vertical Scrolling Start Address command has one parameter which describes which line in the Frame Memory
will be written as the first line after the last line of the Top Fixed Area on the display as illustrated below:
When ML=0
Example:
When Top Fixed Area = Bottom Fixed Area = 00, vertical Scrolling Area = 320 and VSP = ‘3’
When ML=1
Example:
When Top Fixed Area = Bottom Fixed Area = 00, vertical Scrolling Area = 320 and VSP = ‘3’
NOTE: When new Pointer position and Picture Data are sent, the result on the display will happen at the next Panel
Scan to avoid tearing effect.
VSP refers to the Frame Memory line Pointer
Restriction
Since the value of the vertical scrolling start address is absolute (with reference to the frame memory), it must not
enter the fixed area (defined by Vertical Scrolling Definition (33h)- otherwise undesirable image will be displayed on
the panel)
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com