Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 224 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 224 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 220Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 221Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 222Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 223Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 224Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 225Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 226Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 227Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 228Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 319 page
background image
ST7789V2
Version 1.0
Page 224 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.31 IDMON (39h): Idle mode on
39H
IDMON (Idle Mode On)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
IDMON
0
↑
1
-
0
0
1
1
1
0
0
1
(39h)
parameter
No Parameter
Description
-This command is used to enter into Idle mode on.
-There will be no abnormal visible effect on the display mode change transition.
-In the idle on mode,
1. Color expression is reduced. The primary and the secondary colors using MSB of each R,G and B in the Frame
Memory, 8 color depth data is displayed.
2. 8-Color mode frame frequency is applied.
3. Exit from IDMON by Idle Mode Off (38h) command
Color
R5 R4 R3 R2 R1
R0
G5 G4 G3 G2 G1
G0
B5 B4 B3 B4 B1
B0
Black
0xxxxx
0xxxxx
0xxxxx
Blue
0xxxxx
0xxxxx
1xxxxx
Red
1xxxxx
0xxxxx
0xxxxx
Magenta
1xxxxx
0xxxxx
1xxxxx
Green
0xxxxx
1xxxxx
0xxxxx
Cyan
0xxxxx
1xxxxx
1xxxxx
Yellow
1xxxxx
1xxxxx
0xxxxx
White
1xxxxx
1xxxxx
1xxxxx
Restriction
This command has no effect when module is already in idle off mode
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Top-Left (0,0)
(Example) Memory Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com