Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 239 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 239 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 235Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 236Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 237Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 238Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 239Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 240Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 241Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 242Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 243Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 319 page
background image
ST7789V2
Version 1.0
Page 239 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.39 WRCTRLD (53h): Write CTRL Display
53H
WRCTRLD (Write CTRL Display )
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
WRCTRLD
0
↑
1
-
0
1
0
1
0
0
1
1
(53h)
Parameter
1
↑
1
-
0
0
BCTRL
0
DD
BL
0
0
Description
-This command is used to control display brightness.
-BCTRL: Brightness Control Block On/Off, This bit is always used to switch brightness for display.
0 = Off (Brightness register are 00h, DBV[7:0])
1 = On (Brightness register are active, according to the other parameters.)
-DD: Display Dimming (Only for manual brightness setting)
DD = 0: Display Dimming is off.
DD = 1: Display Dimming is on.
-BL: Backlight Control On/Off
0 = Off (Completely turn off backlight circuit. Control lines must be low.)
1 = On
-Dimming function is adapted to the brightness registers for display when bit BCTRL is changed at DD=1.
-When BL bit changed from ‘on’ to ‘off’, backlight is turned off without gradual dimming, even if dimming-on (DD=1) are
selected.
Restriction
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
0000h
S/W Reset
0000h
H/W Reset
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com