Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 241 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 241 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 237Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 238Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 239Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 240Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 241Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 242Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 243Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 244Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 245Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 319 page
background image
ST7789V2
Version 1.0
Page 241 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.40 RDCTRLD (54h): Read CTRL Value Display
54H
RDCTRLD (Read CTRL value Display )
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDCTRLD
0
↑
1
-
0
1
0
1
0
1
0
0
(54h)
1st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
2nd parameter
1
1
↑
-
0
0
BCTRL
0
DD
BL
0
0
Description
-This command returns ambient light and brightness control values..
-BCTRL: Brightness Control Block On/Off, This bit is always used to switch brightness for display.
0 = Off
1 = On
-DD: Display Dimming (Only for manual brightness setting)
DD = 0
DD = 1
-BL: Backlight Control On/Off
0 = Off
1 = On
Restriction
-
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
0000h
S/W Reset
0000h
H/W Reset
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com