Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 237 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 237 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 233Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 234Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 235Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 236Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 237Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 238Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 239Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 240Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 241Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 319 page
background image
ST7789V2
Version 1.0
Page 237 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.38 RDDISBV (52h): Read Display Brightness Value
52H
RDDISBV (Read Display Brightness Value )
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDDISBV
0
↑
1
-
0
1
0
1
0
0
1
0
(52h)
1st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
2nd parameter
1
1
↑
-
DBV7
DBV6
DBV5
DBV4
DBV3
DBV2
DBV1
DBV0
Description
-This command returns the brightness value of the display.
-It should be checked what the relationship between this returned value and output brightness of the display. This
relationship is defined on the display module specification is.
-In principle the relationship is that 00h value means the lowest brightness and FFh value means the highest brightness.
-DBV[7:0] is reset when display is in sleep in mode.
-DBV[7:0] is ‘0’ when bit BCTRL of write CTRL display command (53h) is ‘0’
-DBV[7:0] IS manual set brightness specified with write CTRL display command (53h) when bit BCTRL is ‘1’
Restriction
-
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
0000h
S/W Reset
0000h
H/W Reset
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com