Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 233 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 233 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 229Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 230Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 231Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 232Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 233Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 234Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 235Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 236Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 237Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 319 page
background image
ST7789V2
Version 1.0
Page 233 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.36
GSCAN (45h): Get Scanline
45H
GSCAN (Get ScanLine )
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
GSCAN
0
↑
1
-
0
1
0
0
0
1
0
1
(45h)
1st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
2nd parameter
1
1
↑
-
N15
N14
N13
N12
N11
N10
N9
N8
3rd parameter
1
1
↑
-
N7
N6
N5
N4
N3
N2
N1
N0
Description
-The display module returns the current scanline ,N, used to update the display device. The total number of scanlines
on a display device is defined as VSYNC+VBP+VACT+VFP. The first scanline is defined as the first line of V Sync and
is denoted as Line 0.
-When in sleep in mode, the value returned by get scanline is undefined.
Restriction
-
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
0000h
S/W Reset
0000h
H/W Reset
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com