Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 229 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 229 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 225Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 226Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 227Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 228Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 229Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 230Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 231Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 232Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 233Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 319 page
background image
ST7789V2
Version 1.0
Page 229 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.34 RDMEMC (3Eh): Read Memory Continue
3EH
RDMEMC (Read Memory Continue)
Inst / Para
D/CX WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDMEMC
0
↑
1
-
0
0
1
1
1
1
1
0
(3Eh)
1ST parameter
1
1
↑
-
-
-
-
-
-
-
-
-
2nd parameter
1
1
↑
D1[17]-D1[8]
D1[7]
D1[6]
D1[5]
D1[4]
D1[3]
D1[2]
D1[1]
D1[0]
1
1
↑
Dx[17]-Dx[8]
Dx[7]
Dx[6]
Dx[5]
Dx[4]
Dx[3]
Dx[2]
Dx[1]
Dx[0]
Nth parameter
1
1
↑
Dn[17]-Dn[8]
Dn[7]
Dn[6]
Dn[5]
Dn[4]
Dn[3]
Dn[2]
Dn[1]
Dn[0]
Description
-This command transfers image data from the host processor to the display module’s frame memory continuing from
the pixel location following the previous read memory continue or memory read command.
-If MV=0:
Pixels are read continuing from the pixel location after the read range of the previous memory read or read memory
continue. The column register is then incremented and pixels are read from the frame memory until the column register
equals the end column (XE) value. The column register is then reset to XS and the page register is incremented. Pixels
are read from the frame memory until the page register equals the end page (YE) value and the column register equals
the XE value, or the host processor sends another command.
If MV=1:
Pixels are read continuing from the pixel location after the read range of the previous memory read or read memory
continue. The page register is then incremented and pixels are read from the frame memory until the page register
equals the end page (YE) value. The page register is then reset to YS and the column register is incremented. Pixels
are read from the frame memory until the column register equals the end column (XE) value and the page register
equals the YE value, or the host processor sends another command.
Restriction
Regardless of the color mode set in interface pixel format, the pixel format returned by read memory continue is always
18-bit so there is no restriction on the length of data
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Contents of memory is set randomly
S/W Reset
Contents of memory is not cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com