Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 231 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 231 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 227Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 228Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 229Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 230Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 231Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 232Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 233Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 234Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 235Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 319 page
background image
ST7789V2
Version 1.0
Page 231 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.35
STE (44h): Set Tear Scanline
44H
STE (Set Tear ScanLine )
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
STE
0
↑
1
-
0
1
0
0
0
1
0
0
(44h)
1st parameter
1
↑
1
-
N15
N14
N13
N12
N11
N10
N9
N8
2nd parameter
1
↑
1
-
N7
N6
N5
N4
N3
N2
N1
N0
Description
-This command turns on the display module’s Tearing Effect output signal on the TE signal line when the display
module reaches line N. The TE signal is not affected by changing MV.
-The tearing effect line on has one parameter that describes the tearing effect output line mode.
-The tearing effect output line consist of V-blanking information only.
T
vdl
T
vdh
Vertical time scale
Note that set tear scanline with N=0 is equivalent to tearing effect line on with TEM=0.
The tearing effect output line shall be active low when the display module is in sleep mode
Restriction
This command takes affect on the frame following the current frame. Therefore, if the tear effect (TE) output is already
on, the TE output shall continue to operate as programmed by the previous tearing effect line on or set tear scanline
command until the end of the frame
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
0000h
S/W Reset
0000h
H/W Reset
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com