Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 134 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 134 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 319 page
background image
ST7789V2
Version 1.0
Page 134 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.15 Tearing Effect
The Tearing Effect output line supplies to the MPU a Panel synchronization signal. This signal can be
enabled or disabled by the Tearing Effect Line Off & On commands. The mode of the Tearing Effect signal is
defined by the parameter of the Tearing Effect Line On command. The signal can be used by the MPU to
synchronize Frame Memory Writing when displaying video images.
8.15.1 Tearing effect line modes
Mode 1, the Tearing Effect Output signal consists of V-Blanking Information only:
tvdh= The LCD display is not updated from the Frame Memory
tvdl= The LCD display is updated from the Frame Memory (except Invisible Line – see above)
Mode 2, the Tearing Effect Output signal consists of V-Blanking and H-Blanking Information, there is one
V-sync and 320 H-sync pulses per field.
thdh= The LCD display is not updated from the Frame Memory
thdl= The LCD display is updated from the Frame Memory (except Invisible Line – see above)
Note: During Sleep In Mode, the Tearing Output Pin is active Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com