Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 135 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 135 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 133Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 319 page
background image
ST7789V2
Version 1.0
Page 135 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.15.2 Tearign effect line timings
The Tearing Effect signal is described below:
Table 17 AC characteristics of Tearing Effect Signal Idle Mode Off (Frame Rate = 60 Hz, Ta=25°C)
Note: The timings in Table 15 apply when MADCTL ML=0 and ML=1
The signal’s rise and fall times (tf, tr) are stipulated to be equal to or less than 15ns.
The Tearing Effect Output Line is fed back to the MPU and should be used as shown below to avoid
Tearing Effect:
Symbol
Parameter
min
max
unit
description
tvdl
Vertical Timing Low Duration
13
-
ms
tvdh
Vertical Timing High Duration
1000
-
µs
thdl
Horizontal Timing Low Duration
33
-
µs
thdh
Horizontal Timing Low Duration
25
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com