Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 138 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 138 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 134Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 135Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 136Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 137Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 138Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 139Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 140Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 141Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 142Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 319 page
background image
ST7789V2
Version 1.0
Page 138 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.16 Power ON/OFF Sequence
VDDI and VDD can be applied in any order.
VDD and VDDI can be power down in any order.
During power off, if LCD is in the Sleep Out mode, VDD and VDDI must be powered down minimum 120msec
after RESX has been released.
During power off, if LCD is in the Sleep In mode, VDDI or VDD can be powered down minimum 0msec after
RESX has been released.
CSX can be applied at any timing or can be permanently grounded. RESX has priority over CSX.
Note 1: There will be no damage to the display module if the power sequences are not met.
Note 2: There will be no abnormal visible effects on the display panel during the Power On/Off Sequences.
Note 3: There will be no abnormal visible effects on the display between end of Power On Sequence and before receiving Sleep Out
command. Also between receiving Sleep In command and Power Off Sequence.
Note 4: If RESX line is not held stable by host during Power On Sequence as defined in the sequence below, then it will be necessary to
apply a Hardware Reset (RESX) after Host Power On Sequence is complete to ensure correct operation. Otherwise function is not
guaranteed.
The power on/off sequence is illustrated below
Timing when the latter signal rises up to 90% of its typical value.
e.g. When VDD comes later, this timing is defined at the cross
point of 90% of 2.75V, not 90% of 2.6V.
Timing when the latter signal falls up to 90% of its typical value.
e.g. When VDD comes later, this timing is defined at the cross
point of 90% of 2.75V, not 90% of 2.6V.
H or L
TrPW-CSX = +/- no limit
TfPW-CSX = +/- no limit
30%
30%
TrPW-RESX = + no limit
TrPW-RESX = + no limit
TfPW-RESX1 = min
120ms
TfPW-RESX2 = min 0ms
TfPW-RESx1 is applied to RESX falling in the Sleep Out Mode.
TfPW-RESx2 is applied to RESX falling in the Sleep In Mode.
VDD
VDDI
CSX
RESX
(Power down in
sleep-out mode)
RESX
(Power down in
sleep-in mode)
TrPW = +/- no limit
TfPW = +/- no limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com