Electronic Components Datasheet Search
  English  ▼

X  

ADT7475 Datasheet(PDF) 39 Page - Analog Devices

Part # ADT7475
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7475 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADT7475 Datasheet HTML 35Page - Analog Devices ADT7475 Datasheet HTML 36Page - Analog Devices ADT7475 Datasheet HTML 37Page - Analog Devices ADT7475 Datasheet HTML 38Page - Analog Devices ADT7475 Datasheet HTML 39Page - Analog Devices ADT7475 Datasheet HTML 40Page - Analog Devices ADT7475 Datasheet HTML 41Page - Analog Devices ADT7475 Datasheet HTML 42Page - Analog Devices ADT7475 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
ADT7475
Rev. A | Page 39 of 68
STEP 3: TMIN SETTINGS FOR THERMAL
CALIBRATION CHANNELS
TMIN is the temperature at which the fans start to turn on under
automatic fan control. The speed at which the fan runs at TMIN is
programmed later in the process. The TMIN values chosen are
temperature channel specific, for example, 25°C for ambient
channel, 30°C for VRM temperature, and 40°C for processor
temperature.
TMIN is an 8-bit value, either twos complement or Offset 64,
that can be programmed in 1°C increments. There is a
TMIN register associated with each temperature measure-
ment channel: Remote 1, local, and Remote 2 temperatures.
Once the TMIN value is exceeded, the fan turns on and runs at
the minimum PWM duty cycle. The fan turns off once the
temperature has dropped below TMIN − THYST.
To overcome fan inertia, the fan is spun up until two valid
TACH rising edges are counted. See the Fan Startup Timeout
section for more details. In some cases, primarily for psycho-
acoustic reasons, it is desirable that the fan never switch off
below TMIN. Bits [7:5] of Enhance Acoustics Register 1 (0x62),
when set, keep the fans running at the PWM minimum duty
cycle, if the temperature should fall below TMIN.
TMIN Registers
Register 0x67, Remote 1 Temperature TMIN = 0x9A (90°C)
Register 0x68, Local Temperature TMIN = 0x9A (90°C)
Register 0x69, Remote 2 Temperature TMIN = 0x9A (90°C)
Enhance Acoustics Register 1 (0x62)
Bit 7 (MIN3) = 0, PWM3 is off (0% PWM duty cycle) when
temperature is below TMIN − THYST.
Bit 7 (MIN3) = 1, PWM3 runs at PWM3 minimum duty cycle
below TMIN − THYST.
Bit 6 (MIN2) = 0, PWM2 is off (0% PWM duty cycle) when
temperature is below TMIN − THYST.
Bit 6 (MIN2) = 1, PWM2 runs at PWM2 minimum duty cycle
below TMIN − THYST.
Bit 5 (MIN1) = 0, PWM1 is off (0% PWM duty cycle) when
temperature is below TMIN − THYST.
Bit 5 (MIN1) = 1, PWM1 runs at PWM1 minimum duty cycle
below TMIN − THYST.
0%
100%
TMIN
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
LOCAL =
VRM TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
REMOTE 1 =
AMBIENT TEMP
REMOTE 2 =
CPU TEMP
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
PWM
MIN
PWM
MIN
PWM
MIN
100%
PWM
GENERATOR
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
TACHOMETER 1
MEASUREMENT
TACHOMETER 2
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
PWM
CONFIG
PWM
CONFIG
PWM
CONFIG
Figure 49. Understanding the TMIN Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com