Electronic Components Datasheet Search
  English  ▼

X  

ADT7475 Datasheet(PDF) 33 Page - Analog Devices

Part # ADT7475
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7475 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADT7475 Datasheet HTML 29Page - Analog Devices ADT7475 Datasheet HTML 30Page - Analog Devices ADT7475 Datasheet HTML 31Page - Analog Devices ADT7475 Datasheet HTML 32Page - Analog Devices ADT7475 Datasheet HTML 33Page - Analog Devices ADT7475 Datasheet HTML 34Page - Analog Devices ADT7475 Datasheet HTML 35Page - Analog Devices ADT7475 Datasheet HTML 36Page - Analog Devices ADT7475 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
ADT7475
Rev. A | Page 33 of 68
PROGRAMMING THE AUTOMATIC FAN SPEED CONTROL LOOP
To more efficiently understand the automatic fan speed control
loop, it is strongly recommended to use the ADT7475 evalua-
tion board and software while reading this section.
This section provides the system designer with an understanding
of the automatic fan control loop, and provides step-by-step
guidance on effectively evaluating and selecting critical system
parameters. To optimize the system characteristics, the designer
needs to give some thought to system configuration, including
the number of fans, where they are located, and what tempera-
tures are being measured in the particular system.
The mechanical or thermal engineer who is tasked with the
system thermal characterization should also be involved at
the beginning of this process.
AUTOMATIC FAN CONTROL OVERVIEW
The ADT7475 can automatically control the speed of fans based
upon the measured temperature. This is done independently of
CPU intervention once initial parameters are set up.
The ADT7475 has a local temperature sensor and two remote
temperature channels that can be connected to a CPU on-chip
thermal diode (available on Intel Pentium® class and other
CPUs). These three temperature channels can be used as the
basis for automatic fan speed control to drive fans using pulse-
width modulation (PWM).
Automatic fan speed control reduces acoustic noise by
optimizing fan speed according to accurately measured
temperature. Reducing fan speed can also decrease system
current consumption.
The automatic fan speed control mode is very flexible owing to
the number of programmable parameters, including TMIN and
TRANGE. The TMIN and TRANGE values for a temperature channel,
and, therefore, for a given fan are critical because they define
the thermal characteristics of the system. The thermal vali-
dation of the system is one of the most important steps in the
design process, so select these values carefully.
Figure 43 gives a top-level overview of the automatic fan control
circuitry on the ADT7475. From a systems-level perspective,
up to three system temperatures can be monitored and used to
control three PWM outputs. The three PWM outputs can be used
to control up to four fans. The ADT7475 allows the speed of four
fans to be monitored. Each temperature channel has a thermal
calibration block, allowing the designer to individually configure
the thermal characteristics of each temperature channel.
For example, one can decide to run the CPU fan when CPU
temperature increases above 60°C and a chassis fan when the
local temperature increases above 45°C. At this stage, the
designer has not assigned these thermal calibration settings
to a particular fan drive (PWM) channel. The right side of
Figure 43 shows controls that are fan-specific. The designer
has individual control over parameters such as minimum
PWM duty cycle, fan speed failure thresholds, and even ramp
control of the PWM outputs. Automatic fan control, then,
ultimately allows graceful fan speed changes that are less
perceptible to the system user.
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
PWM
MIN
0%
TMIN
TRANGE
REMOTE 1
TEMP
LOCAL
TEMP
REMOTE 2
TEMP
PWM1
TACH1
TACH2
TACH3
PWM
MIN
PWM2
PWM
MIN
PWM3
100%
PWM
GENERATOR
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
TACHOMETER 1
MEASUREMENT
TACHOMETER 2
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
CONFIG
PWM
PWM
CONFIG
PWM
CONFIG
Figure 43. Automatic Fan Control Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com