Electronic Components Datasheet Search
  English  ▼

X  

ADT7475 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT7475
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7475 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT7475 Datasheet HTML 9Page - Analog Devices ADT7475 Datasheet HTML 10Page - Analog Devices ADT7475 Datasheet HTML 11Page - Analog Devices ADT7475 Datasheet HTML 12Page - Analog Devices ADT7475 Datasheet HTML 13Page - Analog Devices ADT7475 Datasheet HTML 14Page - Analog Devices ADT7475 Datasheet HTML 15Page - Analog Devices ADT7475 Datasheet HTML 16Page - Analog Devices ADT7475 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
ADT7475
Rev. A | Page 13 of 68
INPUT CIRCUITRY
The internal structure for the VCCP analog input is shown in
Figure 20. The input circuit consists of an input protection
diode, an attenuator, and a capacitor to form a first-order, low-
pass filter that gives the input immunity to high frequency
noise.
VCCP
17.5kΩ
52.5kΩ
35pF
Figure 20. Structure of Analog Inputs
VOLTAGE MEASUREMENT REGISTERS
Register 0x21, VCCP Reading = 0x00 default
Register 0x22, VCC Reading = 0x00 default
VCCP LIMIT REGISTERS
Associated with the VCCP measurement channel is a high and
low limit register. Exceeding the programmed high or low limit
causes the appropriate status bit to be set. Exceeding either limit
can also generate SMBALERT interrupts.
Register 0x46, VCCP Low Limit = 0x00 default
Register 0x47, VCCP High Limit = 0xFF default
Table 5 shows the input ranges of the analog inputs and output
codes of the 10-bit ADC.
When the ADC is running, it samples and converts a voltage
input in 711 µs and averages 16 conversions to reduce noise; a
measurement takes nominally 11.38 ms.
EXTENDED RESOLUTION REGISTERS
Voltage measurements can be made with higher accuracy using
the extended resolution registers (0x76 and 0x77). Whenever
the extended resolution registers are read, the corresponding
data in the voltage measurement registers is locked until their
data is read. That is, if extended resolution is required, then the
extended resolution register must be read first, immediately
followed by the appropriate voltage measurement register.
ADDITIONAL ADC FUNCTIONS FOR VOLTAGE
MEASUREMENTS
A number of other functions are available on the ADT7475 to
offer the system designer increased flexibility.
Turn-Off Averaging
For each voltage measurement read from a value register,
16 readings have been made internally, and the results averaged,
before being placed into the value register. For instances where
faster conversions are needed, setting Bit 4 of Configuration
Register 2 (0x73) turns averaging off. This effectively gives a
reading 16 times faster (711 µs), but the reading may be noisier.
Bypass Voltage Input Attenuator
Setting Bit 5 of Configuration Register 2 (0x73) removes the
attenuation circuitry from the VCCP input. This allows the user
to directly connect external sensors, or to rescale the analog
voltage measurement inputs for other applications. The input
range of the ADC without the attenuators is 0 V to 2.25 V.
Single Channel ADC Conversion
Setting Bit 6 of Configuration Register 2 (0x73) places the
ADT7475 into single channel ADC conversion mode. In this
mode, the ADT7475 can be made to read a single voltage chan-
nel only. If the internal ADT7475 clock is used, the selected
input is read every 711 µs. The appropriate ADC channel is
selected by writing to Bits [7:5] of the TACH1 minimum high
byte register (0x55).
Table 4. Single Channel ADC Conversion
Register 0x55, Bits [7:5]
Channel Selected
001
VCCP
010
VCC
101
Remote 1 Temperature
110
Local Temperature
111
Remote 2 Temperature
Configuration Register 2 (0x73)
Bit 4 = 1; averaging off.
Bit 5 = 1; bypass input attenuators.
Bit 6 = 1; single channel convert mode.
TACH1 Minimum High Byte (0x55)
Bits [7:5] selects ADC channel for single channel convert mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com