Electronic Components Datasheet Search
  English  ▼

X  

ADT7475 Datasheet(PDF) 27 Page - Analog Devices

Part # ADT7475
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7475 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADT7475 Datasheet HTML 23Page - Analog Devices ADT7475 Datasheet HTML 24Page - Analog Devices ADT7475 Datasheet HTML 25Page - Analog Devices ADT7475 Datasheet HTML 26Page - Analog Devices ADT7475 Datasheet HTML 27Page - Analog Devices ADT7475 Datasheet HTML 28Page - Analog Devices ADT7475 Datasheet HTML 29Page - Analog Devices ADT7475 Datasheet HTML 30Page - Analog Devices ADT7475 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
ADT7475
Rev. A | Page 27 of 68
Because 4-wire fans are powered continuously, the fan speed is
not switched on or off as with previous PWM driven/powered
fans. This enables it to perform better than 3-wire fans, espe-
cially for high frequency applications. Figure 33 shows a typical
drive circuit for 4-wire fans.
ADT7475
TACH
PWM
12V, 4-WIRE FAN
12
3.3V
V 12V
2kΩ
4.7kΩ
10kΩ
10kΩ
VCC
TACH
o Fans from PWM3
The ADT7475 has four TACH inputs available for fan speed
measurement, but only three PWM drive outputs. If a fourth
fan is being used in the system, it should be driven from the
PWM3 output in parallel with the third fan. Figure 34 shows
how to drive two fans in parallel using low cost NPN
transistors. Figure 35 shows the equivalent circuit using a
MOSFET.
TACH
PWM
Figure 33. Driving a 4-Wire Fan
Driving Tw
ADT7475
PWM3
3.3V
3.3V
12V
Q1
MMBT3904
Q2
MMBT2222
Q3
MMBT2222
10Ω
2.2kΩ
10Ω
1kΩ
TACH3
TACH4
Low
Figure 34. Interfacing Two Fans in Parallel to the PWM3 Output Using
Cost NPN Transistors
ADT7475
PWM3
TACH3
TACH4
3.3V
3.3V
3.3V
+V
+V
TACH
TACH
Q1
NDT3055L
1N4148
5V OR
12V FAN
5V OR
12V FAN
10kΩ
TYPICAL
10kΩ
TYPICAL
10kΩ
TYPICAL
rfacing Two Fans in Parallel to the PWM3 Output Using a
y a
the
hould be taken in designing drive circuits with
transistors and FETs to ensure that the PWM pins are not
rce current and that they sink less than the
TACH measurements for fans are synchronized to particular
wn in
bles
ire fans.
Bit 4 (SYNC) Enhance Acoustics Register 1 (0x62)
SYNC = 1, synchronizes TACH2, TACH3, and TACH4
to PWM3.
TACH Inputs
Pin 4, Pin 6, Pin 7, and Pin 9, when configured as TACH
inputs, are open-drain TACH inputs intended for fan speed
measurement.
Signal conditioning in the ADT7475 accommodates the slow
rise and fall times typical of fan tachometer outputs. The maxi-
mum input signal range is 0 V to 3.6 V. In the event these inputs
are supplied from fan outputs that exceed 0 V to 3.6 V, either
resistive attenuation of the fan signal or diode clamping must be
included to keep inputs within an acceptable range.
Figure 36 to Figure 39 show circuits for most common fan
TACH outputs. If the fan TACH output has a resistive pull-up
to VCC, it can be connected directly to the fan input, as shown
in Figure 36.
Figure 35. Inte
Single N-Channel MOSFET
Because the MOSFET can handle up to 3.5 A, it is simpl
matter of connecting another fan directly in parallel with
first. Care s
required to sou
8 mA maximum current specified on the data sheet.
Driving up to Three Fans from PWM3
PWM channels; for example, TACH1 is synchronized to
PWM1. TACH3 and TACH4 are both synchronized to PWM3,
so PWM3 can drive two fans. Alternatively, PWM3 can be pro-
grammed to synchronize TACH2, TACH3, and TACH4 to the
PWM3 output. This allows PWM3 to drive two or three fans.
In this case, the drive circuitry looks the same, as sho
Figure 37 and Figure 38. The SYNC bit in Register 0x62 ena
this function.
Synchronization is not required in high frequency mode when
used with 4-w
12V
VCC
PULL-UP
4.7kΩ
TYPICAL
TACH
OUTPUT
FAN SPEED
COUNTER
TACH
ADT7475
Figure 36. Fan with TACH Pull-Up to V
B
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com