Electronic Components Datasheet Search
  English  ▼

X  

ADT7475 Datasheet(PDF) 2 Page - Analog Devices

Part # ADT7475
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7475 Datasheet(HTML) 2 Page - Analog Devices

  ADT7475 Datasheet HTML 1Page - Analog Devices ADT7475 Datasheet HTML 2Page - Analog Devices ADT7475 Datasheet HTML 3Page - Analog Devices ADT7475 Datasheet HTML 4Page - Analog Devices ADT7475 Datasheet HTML 5Page - Analog Devices ADT7475 Datasheet HTML 6Page - Analog Devices ADT7475 Datasheet HTML 7Page - Analog Devices ADT7475 Datasheet HTML 8Page - Analog Devices ADT7475 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
ADT7475
Rev. A | Page 2 of 68
TABLE OF CONTENTS
Features .............................................................................................. 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Specifications..................................................................................... 3
Timing Diagram ........................................................................... 4
Absolute Maximum Ratings............................................................ 5
Thermal Characteristics .............................................................. 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Product Description......................................................................... 9
Quick Comparison Between ADT7473 and ADT7475 .......... 9
Recommended Implementation................................................. 9
Serial Bus Interface......................................................................... 10
Write Operations ........................................................................ 11
Read Operations ......................................................................... 12
Alert Response Address............................................................. 12
SMBus Timeout .......................................................................... 12
Virus Protection.......................................................................... 12
Voltage Measurement Input...................................................... 12
Analog-to-Digital Converter .................................................... 12
Input Circuitry............................................................................ 13
Voltage Measurement Registers................................................ 13
VCCP Limit Registers ................................................................... 13
Extended Resolution Registers ................................................. 13
Additional ADC Functions for Voltage Measurements ........ 13
Temperature Measurement Method ........................................ 15
Factors Affecting Diode Accuracy........................................... 17
Additional ADC Functions for Temperature Measurement 18
Limits, Status Registers, and Interrupts....................................... 20
Limit Values ................................................................................ 20
Interrupt Status Registers .......................................................... 21
THERM Timer ........................................................................... 23
Fan Drive Using PWM Control ............................................... 26
Operating from 3.3 V Standby ................................................. 31
Standby Mode ............................................................................. 31
XNOR Tree Test Mode .............................................................. 31
Power-On Default ...................................................................... 32
Programming the Automatic Fan Speed Control Loop ............ 33
Automatic Fan Control Overview............................................ 33
Step 1: Hardware Configuration .............................................. 34
Step 2: Configuring the Mux .................................................... 37
Step 3: TMIN Settings for Thermal Calibration Channels ...... 39
Step 4: PWM
for Each PWM (Fan) Output
MIN
...................... 40
Step 5: PWM
for PWM (Fan) Outputs
MAX
.............................. 40
Step 6: T
for Temperature Channels
RANGE
................................ 41
Step 7: T
THERM for Temperature Channels ............................... 44
Step 8: T
for Temperature Channels
HYST
.................................. 45
Register Tables ................................................................................ 48
Outline Dimensions ....................................................................... 65
Ordering Guide .......................................................................... 65
REVISION HISTORY
2/06—Rev. 0 to Rev. A
Changes to Table 1............................................................................ 3
Changes to Quick Comparison Between ADT7473 and
ADT7475 Section ............................................................................. 9
Changes to Analog-to-Digital Converter section ...................... 13
Changes to TACH Inputs Section ................................................ 27
Changes to Fan Speed Measurement Section ............................. 28
Inserted Figure 42........................................................................... 32
Changes to Power-On Default Section........................................ 32
Changes to Step 5: PMWMAX For PWM (Fan)
Outputs Section .............................................................................. 40
Changes to Table 14 ....................................................................... 48
Changes to Table 23 ....................................................................... 53
Changes to Table 43 ....................................................................... 60
7/05—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com