Electronic Components Datasheet Search
  English  ▼

X  

ADT7475 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7475
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7475 Datasheet(HTML) 3 Page - Analog Devices

  ADT7475 Datasheet HTML 1Page - Analog Devices ADT7475 Datasheet HTML 2Page - Analog Devices ADT7475 Datasheet HTML 3Page - Analog Devices ADT7475 Datasheet HTML 4Page - Analog Devices ADT7475 Datasheet HTML 5Page - Analog Devices ADT7475 Datasheet HTML 6Page - Analog Devices ADT7475 Datasheet HTML 7Page - Analog Devices ADT7475 Datasheet HTML 8Page - Analog Devices ADT7475 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
ADT7475
Rev. A | Page 3 of 68
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.1
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage
3.0
3.3
3.6
V
Supply Current, ICC
1.5
3
mA
Interface inactive, ADC active
TEMPERATURE-TO-DIGITAL CONVERTER
Local Sensor Accuracy
±0.5
1.5
°C
0°C ≤ TA ≤ 85°C
±2.5
°C
−40°C ≤ TA ≤ +125°C
Resolution
0.25
°C
Remote Diode Sensor Accuracy
±0.5
1.5
°C
0°C ≤ TA ≤ 85°C
±2.5
°C
−40°C ≤ TA ≤ +125°C
Resolution
0.25
°C
Remote Sensor Source Current
180
µA
High Level
11
µΑ
Low Level
ANALOG-TO-DIGITAL CONVERTER
(INCLUDING MUX AND ATTENUATORS)
Total Unadjusted Error (TUE)
±1.5
%
Differential Nonlinearity (DNL)
±1
LSB
8 bits
Power Supply Sensitivity
±0.1
%/V
Conversion Time (Voltage Input)
11
ms
Averaging enabled
Conversion Time (Local Temperature)
12
ms
Averaging enabled
Conversion Time (Remote Temperature)
38
ms
Averaging enabled
Total Monitoring Cycle Time
145
ms
Averaging enabled
19
ms
Averaging disabled
Input Resistance
70
120
kΩ
For VCCP channel
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
±6
%
0°C ≤ TA ≤ 70°C
±10
%
−40°C ≤ TA ≤ +120°C
Full-Scale Count
65,535
Nominal Input RPM
109
RPM
Fan count = 0xBFFF
329
RPM
Fan count = 0x3FFF
5000
RPM
Fan count = 0x0438
10,000
RPM
Fan count = 0x021C
OPEN-DRAIN DIGITAL OUTPUTS
(PWM1 TO PWM3, XTO)
Current Sink, IOL
8.0
mA
Output Low Voltage, VOL
0.4
V
IOUT = −8.0 mA
High Level Output Current, IOH
0.1
20
µA
VOUT = VCC
OPEN-DRAIN SERIAL DATA BUS OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
IOUT = −4.0 mA
High Level Output Current, IOH
0.1
1.0
µA
VOUT = VCC
SMBus DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.4
V
Hysteresis
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com