Electronic Components Datasheet Search
  English  ▼

X  

ADT7475 Datasheet(PDF) 30 Page - Analog Devices

Part # ADT7475
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7475 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADT7475 Datasheet HTML 26Page - Analog Devices ADT7475 Datasheet HTML 27Page - Analog Devices ADT7475 Datasheet HTML 28Page - Analog Devices ADT7475 Datasheet HTML 29Page - Analog Devices ADT7475 Datasheet HTML 30Page - Analog Devices ADT7475 Datasheet HTML 31Page - Analog Devices ADT7475 Datasheet HTML 32Page - Analog Devices ADT7475 Datasheet HTML 33Page - Analog Devices ADT7475 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
ADT7475
Rev. A | Page 30 of 68
Fan Spin-Up
The ADT7475 has a unique fan spin-up function. It spins the fan
at 100% PWM duty cycle until two TACH pulses are detected on
the TACH input. Once two TACH pulses have been detected, the
PWM duty cycle goes to the expected running value, for example,
33%. The advantage is that fans have different spin-up charac-
teristics and take different times to overcome inertia. The
ADT7475 runs the fans just fast enough to overcome inertia
and is quieter on spin-up than fans programmed to spin up for
a given spin-up time.
Fan Startup Timeout
To prevent the generation of false interrupts as a fan spins up
(because it is below running speed), the ADT7475 includes a
fan startup timeout function. During this time, the ADT7475
looks for two TACH pulses. If two TACH pulses are not
detected, an interrupt is generated. Using Configuration
Register 4 (0x40), Bit 5 (FSPDIS), this functionality can be
changed (see the Disabling Fan Startup Timeout section).
PWM1, PWM2, PWM3 Configuration Registers (0x5C,
0x5D, and 0x5E)
Bits [2:0] SPIN, startup timeout for PWM1 = 0x5C, PWM2 =
0x5D, and PWM3 = 0x5E.
000 = No startup timeout
001 = 100 ms
010 = 250 ms default
011 = 400 ms
100 = 667 ms
101 = 1 sec
110 = 2 sec
111 = 4 sec
Disabling Fan Startup Timeout
Although fan startup makes fan spin-ups much quieter than
fixed-time spin-ups, the option exists to use fixed spin-up
times. Setting Bit 5 (FSPDIS) to 1 in Configuration Register 1
(0x40) disables the spin-up for two TACH pulses. Instead, the
fan spins up for the fixed time as selected in Register 0x5C to
Register 0x5E.
PWM Logic State
The PWM outputs can be programmed high for 100% duty
cycle (noninverted) or low for 100% duty cycle (inverted).
PWM1 Configuration Register (0x5C)
Bit 4 INV
0 = Logic high for 100% PWM duty cycle.
1 = Logic low for 100% PWM duty cycle.
PWM2 Configuration Register (0x5D)
Bit 4 INV
0 = Logic high for 100% PWM duty cycle.
1 = Logic low for 100% PWM duty cycle.
PWM3 Configuration Register (0x5E)
Bit 4 INV
0 = Logic high for 100% PWM duty cycle.
1 = Logic low for 100% PWM duty cycle.
Low Frequency Mode PWM Drive Frequency
The PWM drive frequency can be adjusted for the application.
Register 0x5F to Register 0x61 configure the PWM frequency
for PWM1 to PWM3, respectively. In high frequency mode, the
PWM drive frequency is always 22.5 kHz.
High Frequency Mode PWM Drive
Setting Bit 3 of Register 0x5F, Register 0x60, and Register 0x61
enables high frequency mode for Fan 1, Fan 2, and Fan 3,
respectively.
PWM Frequency Registers (0x5F to 0x61)
Bits [2:0] FREQ
000 = 11.0 Hz
001 = 14.7 Hz
010 = 22.1 Hz
011 = 29.4 Hz
100 = 35.3 Hz default
101 = 44.1 Hz
110 = 58.8 Hz
111 = 88.2 Hz
Fan Speed Control
The ADT7475 controls fan speed using automatic mode and
manual mode as follows:
•
In automatic fan speed control mode, fan speed is
automatically varied with temperature and without CPU
intervention, once initial parameters are set up. The
advantage of this is, if the system hangs, the user is
guaranteed the system is protected from overheating. For
more information and how to program the automatic fan
speed control loop, see the Programming the Automatic
Fan Speed Control Loop section.
•
In manual fan speed control mode, the ADT7475 allows
the duty cycle of any PWM output to be manually
adjusted. This can be useful if the user wants to change fan
speed at the software level or adjust PWM duty cycle
output for test purposes. Bits [7:5] of Register 0x5C to
Register 0x5E (PWM configuration) control the behavior
of each PWM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com