Electronic Components Datasheet Search
  English  ▼

X  

ADUC7021 Datasheet(PDF) 39 Page - Analog Devices

Part # ADUC7021
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7021 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADUC7021 Datasheet HTML 35Page - Analog Devices ADUC7021 Datasheet HTML 36Page - Analog Devices ADUC7021 Datasheet HTML 37Page - Analog Devices ADUC7021 Datasheet HTML 38Page - Analog Devices ADUC7021 Datasheet HTML 39Page - Analog Devices ADUC7021 Datasheet HTML 40Page - Analog Devices ADUC7021 Datasheet HTML 41Page - Analog Devices ADUC7021 Datasheet HTML 42Page - Analog Devices ADUC7021 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
ADuC7019/20/21/22/24/25/26/27
Rev. A | Page 39 of 92
Table 14. ADCCON MMR Bit Designations
Bit
Value
Description
15:13
Reserved.
12:10
ADC clock speed.
000
fADC/1. This divider is provided to obtain
1 MSPS ADC with an external clock <41.78 MHz.
001
fADC/2 (default value).
010
fADC/4.
011
fADC/8.
100
fADC/16.
101
fADC/32.
9:8
ADC acquisition time.
00
2 clocks.
01
4 clocks.
10
8 clocks (default value).
11
16 clocks.
7
Enable start conversion.
Set by the user to start any type of conversion
command. Cleared by the user to disable a
start conversion (clearing this bit does not
stop the ADC when continuously converting).
6
Enable ADCBUSY.
Set by the user to enable the ADCBUSY pin.
Cleared by the user to disable the ADCBUSY pin.
5
ADC power control.
Set by the user to place the ADC in normal
mode (the ADC must be powered up for at least
5 μs before it converts correctly). Cleared by the
user to place the ADC in power-down mode.
4:3
Conversion mode.
00
Single-ended mode.
01
Differential mode.
10
Pseudo differential mode.
11
Reserved.
2:0
Conversion type.
000
Enable CONVSTART pin as a conversion input.
001
Enable Timer1 as a conversion input.
010
Enable Timer0 as a conversion input.
011
Single software conversion; sets to 000 after
conversion (Bit 7 of ADCCON MMR should be
cleared after starting a single software
conversion to avoid further conversions
triggered by the CONVSTART pin).
100
Continuous software conversion.
101
PLA conversion.
Other
Reserved.
ADCCP Register
Name
Address
Default Value
Access
ADCCP
0xFFFF0504
0x00
R/W
ADCCP is an ADC positive channel selection register. This
MMR is described in Table 15.
Table 15. ADCCP1 MMR Bit Designation
Bit
Value
Description
7:5
Reserved
4:0
Positive channel selection bits
00000
ADC0
00001
ADC1
00010
ADC2
00011
ADC3
00100
ADC4
00101
ADC5
00110
ADC6
00111
ADC7
01000
ADC8
01001
ADC9
01010
ADC10
01011
ADC11
01100
DAC0/ADC12
01101
DAC1/ADC13
01110
DAC2/ADC14
01111
DAC3/ADC15
10000
Temperature sensor
10001
AGND (self-diagnostic feature)
10010
Internal reference (self-diagnostic feature)
10011
AVDD/2
Others
Reserved
1 ADC and DAC channel availability depends on part model. See the Ordering
Guide for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com