Electronic Components Datasheet Search
  English  ▼

X  

ADUC7021 Datasheet(PDF) 28 Page - Analog Devices

Part # ADUC7021
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7021 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADUC7021 Datasheet HTML 24Page - Analog Devices ADUC7021 Datasheet HTML 25Page - Analog Devices ADUC7021 Datasheet HTML 26Page - Analog Devices ADUC7021 Datasheet HTML 27Page - Analog Devices ADUC7021 Datasheet HTML 28Page - Analog Devices ADUC7021 Datasheet HTML 29Page - Analog Devices ADUC7021 Datasheet HTML 30Page - Analog Devices ADUC7021 Datasheet HTML 31Page - Analog Devices ADUC7021 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
ADuC7019/20/21/22/24/25/26/27
Rev. A | Page 28 of 92
BIN
9000
0
1000
2000
3000
4000
5000
6000
7000
8000
1161
1162
1163
Figure 22. Code Histogram Plot, fs = 774 kSPS, VIN = 0.7 V
FREQUENCY (kHz)
0
–160
–140
–120
–100
–80
–60
–40
–20
0
100
200
fS = 774kSPS,
SNR = 69.3dB,
THD = –80.8dB,
PHSN = –83.4dB
Figure 23. Dynamic Performance, fS = 774 kSPS
FREQUENCY (kHz)
20
0
–160
–140
–120
–100
–80
–60
–40
–20
0
150
100
50
200
fS = 1MSPS,
SNR = 70.4dB,
THD = –77.2dB,
PHSN = –78.9dB
Figure 24. Dynamic Performance, fS = 1 MSPS
EXTERNAL REFERENCE (V)
75
40
45
50
55
60
65
70
–76
–88
–86
–84
–82
–80
–78
1.0
1.5
2.0
2.5
3.0
SNR
THD
Figure 25. Typical Dynamic Performance vs. VREF
TEMPERATURE (
°C)
–50
0
50
100
1000
1500
1450
1400
1350
1300
1250
1200
1150
1100
1050
150
Figure 26. On-Chip Temperature Sensor Voltage Output vs. Temperature
TEMPERATURE (°C)
39.8
39.7
38.9
39.0
39.1
39.2
39.3
39.4
39.5
39.6
–40
25
85
0
125
Figure 27. Current Consumption vs. Temperature @ CD = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com