Electronic Components Datasheet Search
  English  ▼

X  

ADUC7021 Datasheet(PDF) 18 Page - Analog Devices

Part # ADUC7021
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7021 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADUC7021 Datasheet HTML 14Page - Analog Devices ADUC7021 Datasheet HTML 15Page - Analog Devices ADUC7021 Datasheet HTML 16Page - Analog Devices ADUC7021 Datasheet HTML 17Page - Analog Devices ADUC7021 Datasheet HTML 18Page - Analog Devices ADUC7021 Datasheet HTML 19Page - Analog Devices ADUC7021 Datasheet HTML 20Page - Analog Devices ADUC7021 Datasheet HTML 21Page - Analog Devices ADUC7021 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
ADuC7019/20/21/22/24/25/26/27
Rev. A | Page 18 of 92
Table 10. Pin Function Descriptions (ADuC7019/ADuC7020/ADuC7021/ADuC7022)
Pin No.
7019/7020
7021
7022
Mnemonic
Description
38
37
36
ADC0
Single-Ended or Differential Analog Input 0.
39
38
37
ADC1
Single-Ended or Differential Analog Input 1.
40
39
38
ADC2/CMP0
Single-Ended or Differential Analog Input 2/Comparator Positive Input.
1
40
39
ADC3/CMP1
Single-Ended or Differential Analog Input 3 (Buffered Input on
ADuC7019)/Comparator Negative Input.
2
1
40
ADC4
Single-Ended or Differential Analog Input 4.
‒
2
1
ADC5
Single-Ended or Differential Analog Input 5.
‒
3
2
ADC6
Single-Ended or Differential Analog Input 6.
‒
4
3
ADC7
Single-Ended or Differential Analog Input 7.
‒
‒
4
ADC8
Single-Ended or Differential Analog Input 8.
‒
‒
5
ADC9
Single-Ended or Differential Analog Input 9.
3
5
6
GNDREF
Ground Voltage Reference for the ADC. For optimal performance, the
analog power supply should be separated from IOGND and DGND.
4
6
‒
DAC0/ADC12
DAC0 Voltage Output/Single-Ended or Differential Analog Input 12.
5
7
‒
DAC1/ADC13
DAC1 Voltage Output/Single-Ended or Differential Analog Input 13.
6
‒
‒
DAC2/ADC14
DAC2 Voltage Output/Single-Ended or Differential Analog Input 14.
7
‒
‒
DAC3/ADC15
DAC3 Voltage Output on ADuC7020. On the ADuC7019, a 10 nF capacitor
needs to be connected between this pin and AGND/Single-Ended or
Differential Analog Input 15.
8
8
7
TMS
Test Mode Select, JTAG Test Port Input. Debug and download access.
9
9
8
TDI
Test Data In, JTAG Test Port Input. Debug and download access.
10
10
9
BM/P0.0/CMPOUT/PLAI[7]
Multifunction I/O Pin.
Boot Mode (BM). The ADuC7019/20/21/22 enter serial download mode if
BM is low at reset and execute code if BM is pulled high at reset through a
1 k
Ω resistor. General-Purpose Input and Output Port 0.0/Voltage
Comparator Output/Programmable Logic Array Input Element 7.
11
11
10
P0.6/T1/MRST/PLAO[3]
Multifunction Pin, Driven Low After Reset. General-Purpose Output Port
0.6/Timer1 Input/Power-On Reset Output/Programmable Logic Array
Output Element 3.
12
12
11
TCK
Test Clock, JTAG Test Port Input. Debug and download access.
13
13
12
TDO
Test Data Out, JTAG Test Port Output. Debug and download access.
14
14
13
IOGND
Ground for GPIO. Typically connected to DGND.
15
15
14
IOVDD
3.3 V Supply for GPIO and Input of the On-Chip Voltage Regulator.
16
16
15
LVDD
2.6 V Output of the On-Chip Voltage Regulator. This output must be
connected to a 0.47 μf capacitor to DGND only.
17
17
16
DGND
Ground for Core Logic.
18
18
17
P0.3/TRST/ADCBUSY
General-Purpose Input and Output Port 0.3/Test Reset, JTAG Test Port
Input/ ADCBUSY Signal Output.
19
19
18
RST
Reset Input, Active Low.
20
20
19
IRQ0/P0.4/PWMTRIP/PLAO[1]
Multifunction I/O Pin. External Interrupt Request 0, Active High/General-
Purpose Input and Output Port 0.4/PWM Trip External
Input/Programmable Logic Array Output Element 1.
21
21
20
IRQ1/P0.5/ADCBUSY/PLAO[2]
Multifunction I/O Pin. External Interrupt Request 1, Active High/General-
Purpose Input andOutput Port 0.5/ADCBUSY Signa l Output/Programmable
Logic Array Output Element 2.
22
22
21
P2.0/SPM9/PLAO[5]/CONVSTART
Serial Port Multiplexed. General-Purpose Input and Output Port 2.0/UART/
Programmable Logic Array Output Element 5/Start Conversion Input Signal
for ADC.
23
23
22
P0.7/ECLK/XCLK/SPM8/PLAO[4]
Serial Port Multiplexed. General-Purpose Input and Output Port
0.7/Output for External Clock Signal/Input to the Internal Clock Generator
Circuits/UART/ Programmable Logic Array Output Element 4.
24
24
23
XCLKO
Output from the Crystal Oscillator Inverter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com