Electronic Components Datasheet Search
  English  ▼

X  

ADUC7021 Datasheet(PDF) 21 Page - Analog Devices

Part # ADUC7021
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7021 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADUC7021 Datasheet HTML 17Page - Analog Devices ADUC7021 Datasheet HTML 18Page - Analog Devices ADUC7021 Datasheet HTML 19Page - Analog Devices ADUC7021 Datasheet HTML 20Page - Analog Devices ADUC7021 Datasheet HTML 21Page - Analog Devices ADUC7021 Datasheet HTML 22Page - Analog Devices ADUC7021 Datasheet HTML 23Page - Analog Devices ADUC7021 Datasheet HTML 24Page - Analog Devices ADUC7021 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
ADuC7019/20/21/22/24/25/26/27
Rev. A | Page 21 of 92
Table 11. Pin Function Descriptions (ADuC7024/ADuC7025 64-Lead CSP and ADuC7024/ADuC7025 64-Lead LQFP)
Pin No.
Mnemonic
Description
1
ADC4
Single-Ended or Differential Analog Input 4.
2
ADC5
Single-Ended or Differential Analog Input 5.
3
ADC6
Single-Ended or Differential Analog Input 6.
4
ADC7
Single-Ended or Differential Analog Input 7.
5
ADC8
Single-Ended or Differential Analog Input 8.
6
ADC9
Single-Ended or Differential Analog Input 9.
7
GNDREF
Ground Voltage Reference for the ADC. For optimal performance, the analog power supply
should be separated from IOGND and DGND.
8
ADCNEG
Bias Point or Negative Analog Input of the ADC in Pseudo Differential Mode. Must be connected
to the ground of the signal to convert. This bias point must be between 0 V and 1 V.
9
DAC0/ADC12
DAC0 Voltage Output/Single-Ended or Differential Analog Input 12. DAC outputs are not
present on the ADuC7025.
10
DAC1/ADC13
DAC1 Voltage Output/Single-Ended or Differential Analog Input 13. DAC outputs are not
present on the ADuC7025.
11
TMS
JTAG Test Port Input, Test Mode Select. Debug and download access.
12
TDI
JTAG Test Port Input, Test Data In. Debug and download access
13
P4.6/PLAO[14]
General-Purpose Input and Output Port 4.6/Programmable Logic Array Output Element 14.
14
P4.7/PLAO[15]
General-Purpose Input and Output Port 4.7/Programmable Logic Array Output Element 15.
15
BM/P0.0/CMPOUT/PLAI[7]
Multifunction I/O Pin. Boot mode. The ADuC7024/ADuC7025 enter download mode if BM is low at
reset and executes code if BM is pulled high at reset through a 1 k
Ω resistor/General-Purpose Input
and Output Port 0.0/Voltage Comparator Output/Programmable Logic Array Input Element 7.
16
P0.6/T1/MRST/PLAO[3]
Multifunction Pin, Driven Low After Reset. General-Purpose Output Port 0.6/Timer1
Input/Power-On Reset Output/Programmable Logic Array Output Element 3.
17
TCK
JTAG Test Port Input, Test Clock. Debug and download access.
18
TDO
JTAG Test Port Output, Test Data Out. Debug and download access.
19
IOGND
Ground for GPIO. Typically connected to DGND.
20
IOVDD
3.3 V Supply for GPIO and Input of the On-Chip Voltage Regulator.
21
LVDD
2.6 V Output of the On-Chip Voltage Regulator. This output must be connected to a 0.47 μF
capacitor to DGND only.
22
DGND
Ground for Core Logic.
23
P3.0/PWM0H/PLAI[8]
General-Purpose Input and Output Port 3.0/PWM Phase 0 High-Side Output/Programmable
Logic Array Input Element 8.
24
P3.1/PWM0L/PLAI[9]
General-Purpose Input and Output Port 3.1/PWM Phase 0 Low-Side Output/Programmable
Logic Array Input Element 9.
25
P3.2/PWM1H/PLAI[10]
General-Purpose Input and Output Port 3.2/PWM Phase 1 High-Side Output/Programmable
Logic Array Input Element 10.
26
P3.3/PWM1L/PLAI[11]
General-Purpose Input and Output Port 3.3/PWM Phase 1 Low-Side Output/Programmable
Logic Array Input Element 11.
27
P0.3/TRST/ADCBUSY
General-Purpose Input and Output Port 0.3/JTAG Test Port Input, Test Reset/ADCBUSY Signal
Output.
28
RST
Reset Input, Active Low.
29
P3.4/PWM2H/PLAI[12]
General-Purpose Input and Output Port 3.4/PWM Phase 2 High-Side Output/Programmable
Logic Array Input 12.
30
P3.5/PWM2L/PLAI[13]
General-Purpose Input and Output Port 3.5/PWM Phase 2 Low-Side Output/Programmable
Logic Array Input Element 13.
31
IRQ0/P0.4/PWMTRIP/PLAO[1]
Multifunction I/O Pin. External Interrupt Request 0, Active High/General-Purpose Input and
Output Port 0.4/PWM Trip External Input/Programmable Logic Array Output Element 1.
32
IRQ1/P0.5/ADCBUSY/PLAO[2]
Multifunction I/O Pin. External Interrupt Request 1, Active High/General-Purpose Input and
Output Port 0.5/ADCBUSY Signal Output/Programmable Logic Array Output Element 2.
33
P2.0/SPM9/PLAO[5]/CONVSTART
Serial Port Multiplexed. General-Purpose Input and Output Port 2.0/UART/Programmable Logic
Array Output Element 5/Start Conversion Input Signal for ADC.
34
P0.7/ECLK/XCLK/SPM8/PLAO[4]
Serial Port Multiplexed. General-Purpose Input and Output Port 0.7/Output for External Clock
Signal/Input to the Internal Clock Generator Circuits/UART/Programmable Logic Array Output
Element 4.
35
XCLKO
Output from the Crystal Oscillator Inverter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com