Electronic Components Datasheet Search
  English  ▼

X  

ADUC7021 Datasheet(PDF) 49 Page - Analog Devices

Part # ADUC7021
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7021 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADUC7021 Datasheet HTML 45Page - Analog Devices ADUC7021 Datasheet HTML 46Page - Analog Devices ADUC7021 Datasheet HTML 47Page - Analog Devices ADUC7021 Datasheet HTML 48Page - Analog Devices ADUC7021 Datasheet HTML 49Page - Analog Devices ADUC7021 Datasheet HTML 50Page - Analog Devices ADUC7021 Datasheet HTML 51Page - Analog Devices ADUC7021 Datasheet HTML 52Page - Analog Devices ADUC7021 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
ADuC7019/20/21/22/24/25/26/27
Rev. A | Page 49 of 92
Linearity degradation near ground and VDD is caused by
saturation of the output amplifier, and a general representation
of its effects (neglecting offset and gain error) is illustrated in
Figure 52. The dotted line in Figure 52 indicates the ideal transfer
function, and the solid line represents what the transfer function
might look like with endpoint nonlinearities due to saturation of
the output amplifier. Note that Figure 52 represents a transfer
function in 0-to-AVDD mode only. In 0-to-VREF or 0-to-DACREF
modes (with VREF < AVDD or DACREF < AVDD), the lower non-
linearity is similar. However, the upper portion of the transfer
function follows the “ideal” line right to the end (VREF in this case,
not AVDD), showing no signs of endpoint linearity errors.
AVDD
AVDD – 100mV
100mV
0x00000000
0x0FFF0000
Figure 52. Endpoint Nonlinearities Due to Amplifier Saturation
The endpoint nonlinearities conceptually illustrated in
Figure 52 get worse as a function of output loading. Most of
the ADuC7019/7020/7021/7022/7024/7025/7026/7027’s data
sheet specifications assume a 5 kΩ resistive load to ground at
the DAC output. As the output is forced to source or sink more
current, the nonlinear regions at the top or bottom
(respectively) of Figure 52 become larger. With larger current
demands, this can significantly limit output voltage swing.
POWER SUPPLY MONITOR
The power supply monitor regulates the IOVDD supply on the
ADuC7019/7020/7021/7022/7024/7025/7026/7027. It indicates
when the IOVDD supply pin drops below one of two supply trip
points. The monitor function is controlled via the PSMCON
register. If enabled in the IRQEN or FIQEN register, then the
monitor interrupts the core using the PSMI bit in the PSMCON
MMR. This bit is immediately cleared once CMP goes high.
This monitor function allows the user to save working registers
to avoid possible data loss due to the low supply or brown-out
conditions. It also ensures that normal code execution does not
resume until a safe supply level has been established.
PSMCON Register
Name
Address
Default Value
Access
PSMCON
0xFFFF0440
0x0008
R/W
Table 28. PSMCON MMR Bit Descriptions
Bit
Name
Description
3
CMP
Comparator Bit. This is a read-only bit and
directly reflects the state of the comparator.
Read 1 indicates that the IOVDD supply is above
its selected trip point or the PSM is in power-
down mode. Read 0 indicates the IOVDD supply is
below its selected trip point. This bit should be
set before leaving the interrupt service routine.
2
TP
Trip Point Selection Bits. 0 = 2.79 V, 1 = 3.07 V.
1
PSMEN
Power Supply Monitor Enable Bit. Set to 1 to
enable the power supply monitor circuit. Clear to
0 to disable the power supply monitor circuit.
0
PSMI
Power Supply Monitor Interrupt Bit. This bit is set
high by the MicroConverter once when CMP
goes low, indicating low I/O supply. The PSMI bit
can be used to interrupt the processor. Once
CMP returns high, the PSMI bit can be cleared by
writing a 1 to this location. A 0 write has no
effect. There is no timeout delay; PSMI can be
immediately cleared once CMP goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com