Electronic Components Datasheet Search
  English  ▼

X  

P87LPC778 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # P87LPC778
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button P87LPC778 Datasheet HTML 65Page - NXP Semiconductors P87LPC778 Datasheet HTML 66Page - NXP Semiconductors P87LPC778 Datasheet HTML 67Page - NXP Semiconductors P87LPC778 Datasheet HTML 68Page - NXP Semiconductors P87LPC778 Datasheet HTML 69Page - NXP Semiconductors P87LPC778 Datasheet HTML 70Page - NXP Semiconductors P87LPC778 Datasheet HTML 71Page - NXP Semiconductors P87LPC778 Datasheet HTML 72Page - NXP Semiconductors P87LPC778 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
69 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.
Limiting values
[1]
Stresses above those listed under Table 66 “Limiting values” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any conditions other than those described in Table 67 “DC electrical characteristics”
and Table 69 “AC electrical characteristics” of this specification are not implied.
[2]
This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
[3]
Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
Table 66:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb(bias)
operating bias ambient temperature
−55
+85
°C
Tstg
storage temperature range
−65
+150
°C
VRST
voltage on RST/VPP pin to VSS
-
+11.0
V
Vn
voltage on any other pin to VSS
−0.5
VDD + 0.5
V
IOL(I/O)
LOW-level output current per I/O pin
-
50
mA
IOH(I/O)
HIGH-level output current per I/O pin
-
−50
mA
IOL(tot)(max)
maximum total IOL for all outputs
-
200
mA
IOH(tot)(max)
maximum total IOH for all outputs
-
−200
mA
Ptot(pack)
total power dissipation per package
based on package heat
transfer, not device power
consumption
-
1.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com