Electronic Components Datasheet Search
  English  ▼

X  

P87LPC778 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P87LPC778
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P87LPC778 Datasheet HTML 6Page - NXP Semiconductors P87LPC778 Datasheet HTML 7Page - NXP Semiconductors P87LPC778 Datasheet HTML 8Page - NXP Semiconductors P87LPC778 Datasheet HTML 9Page - NXP Semiconductors P87LPC778 Datasheet HTML 10Page - NXP Semiconductors P87LPC778 Datasheet HTML 11Page - NXP Semiconductors P87LPC778 Datasheet HTML 12Page - NXP Semiconductors P87LPC778 Datasheet HTML 13Page - NXP Semiconductors P87LPC778 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
I2CON*
I2C-bus control register
D8h/RD
RDAT
ATN
DRDY
ARL
STR
STP
MASTER
-
80h
D8h/WR
CXA
IDLE
CDR
CARL
CSTR
CSTP
XSTR
XSTP
I2DAT
I2C-bus data register
D9h/RD
RDAT
0000000
80h
D9h/WR
XDAT
x
x
x
xxxx
Bit address
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*
Interrupt enable 0
A8h
EA
EWD
EBO
ES
ET1
EX1
ET0
EX0
00H
Bit address
EF
EE
ED
EC
EB
EA
E9
E8
IEN1*
Interrupt enable 1
E8h
ETI
-
EC1
EAD
-
EC2
EKB
EI2
00H
Bit address
BF
BE
BD
BC
BB
BA
B9
B8
IP0*
Interrupt priority 0
B8h
-
PWD
PBO
PS
PT1
PX1
PT0
PX0
00H
IP0H
Interrupt priority 0 HIGH
B7h
-
PWDH
PBOH
PSH
PT1H
PX1H
PT0H
PX0H
00H
Bit address
FF
FE
FD
FC
FB
FA
F9
F8
IP1*
Interrupt priority 1
F8h
PTI
-
PC1
PAD
-
PC2
PKB
PI2
00H
IP1H
Interrupt priority 1 HIGH
F7h
PTIH
-
PC1H
PADH
-
PC2H
PKBH
PI2H
00H
KBI
Keyboard Interrupt
86h
00H
Bit address
87
86
85
84
83
82
81
80
P0*
Port 0
80h
T1
CMP1
CMPREF
CIN1A
CIN1B
CIN2A
CIN2B
CMP2
[1]
Bit address
97
96
95
94
93
92
91
90
P1*
Port 1
90h
DAC0
DAC1
RST
INT1
INT0
T0
RxD
TxD
[1]
Bit address
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0h
------
X1
X2
[1]
P0M1
Port 0 output mode 1
84h
(P0M1.7)
(P0M1.6)
(P0M1.5)
(P0M1.4)
(P0M1.3)
(P0M1.2)
(P0M1.1)
(P0M1.0)
00H
P0M2
Port 0 output mode 2
85h
(P0M2.7)
(P0M2.6)
(P0M2.5)
(P0M2.4)
(P0M2.3)
(P0M2.2)
(P0M2.1)
(P0M2.0)
00H
P1M1
Port 1 output mode 1
91h
(P1M1.7)
(P1M1.6)
-
(P1M1.4)
-
-
(P1M1.1)
(P1M1.0)
00H
P1M2
Port 1 output mode 2
92h
(P1M2.7)
(P1M2.6)
-
(P1M2.4)
-
-
(P1M2.1)
(P1M2.0)
00H
P2M1
Port 2 output mode 1
A4h
P2S
P1S
P0S
ENCLK
ENT1
ENT0
(P2M1.1)
(P2M1.0)
00H
P2M2
Port 2 output mode 2
A5h
------
(P2M2.1)
(P2M2.0)
00H
PCON
Power control register
87h
SMOD1
SMOD0
BOF
POF
GF1
GF0
PD
IDL
[2]
Table 3:
Special function registers…continued
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset
value
MSB
LSB
Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com