Electronic Components Datasheet Search
  English  ▼

X  

P87LPC778 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # P87LPC778
Description  CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC778 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button P87LPC778 Datasheet HTML 66Page - NXP Semiconductors P87LPC778 Datasheet HTML 67Page - NXP Semiconductors P87LPC778 Datasheet HTML 68Page - NXP Semiconductors P87LPC778 Datasheet HTML 69Page - NXP Semiconductors P87LPC778 Datasheet HTML 70Page - NXP Semiconductors P87LPC778 Datasheet HTML 71Page - NXP Semiconductors P87LPC778 Datasheet HTML 72Page - NXP Semiconductors P87LPC778 Datasheet HTML 73Page - NXP Semiconductors P87LPC778 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 79 page
background image
Philips Semiconductors
P87LPC778
CMOS single-chip 8-bit microcontroller
Product data
Rev. 01 — 31 March 2004
70 of 79
9397 750 12378
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
10. Static characteristics
Table 67:
DC electrical characteristics
VDD = 2.7 V to 5.5 V unless otherwise specified.
Tamb = −40 °C to +85 °C for extended industrial, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
IDD
power supply current,
operating
5.0 V; 20 MHz
[10]
-15
25
mA
3.0 V; 10 MHz
[10]
-4
7
mA
IID
power supply current, Idle
mode
5.0 V; 20 MHz
[10]
-
6
10
mA
3.0 V; 10 MHz
[10]
-2
4
mA
IPD
Power supply current,
Power-down mode
5.0 V
[10]
-1
10
µA
3.0 V
[10]
-1
5
µA
VRAM
RAM keep-alive voltage
1.5
-
-
V
VIL
Low-level input voltage (TTL
input)
4.5 V < VDD < 5.5 V
−0.5
-
0.2VDD − 0.1 V
VIL1
negative-going threshold
(Schmitt input)
−0.5
-
0.3VDD
V
VIH
High-level input voltage (TTL
input)
0.2VDD + 0.9 -
VDD + 0.5
V
VIH1
positive-going threshold
(Schmitt input)
0.7VDD
-VDD + 0.5
V
Vhys
hysteresis voltage
-
0.2VDD
-V
VOL
LOW-level output voltage; all
ports[4][8]
IOL = 3.2 mA;
VDD = 4.5 V
-
-
0.4
V
VOL1
LOW-level output voltage; all
ports[4][8]
IOL =20mA;
VDD = 4.5 V
-
-
1.0
V
VOH
HIGH-level output voltage, all
ports[2]
IOH = −30 µA;
VDD = 4.5 V
VDD − 0.7
-
-
V
VOH1
HIGH-level output voltage, all
ports[3]
IOH = −1.0 mA;
VDD = 4.5 V
VDD − 0.7
-
-
V
Cio
input/output pin capacitance[9]
-
-
15
pF
IIL
logical 0 input current,
all ports[7]
VIN = 0.4 V
-
-
−50
µA
ILI
input leakage current,
all ports[6]
VIN =VIL or VIH
--
±2
µA
ITL
logical 1-to-0 transition current,
all ports[2][5]
VIN = 2.0 V at
VDD = 5.5 V
−150
-
−650
µA
RRST
internal reset pull-up resistor
40
-
225
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com