Electronic Components Datasheet Search
  English  ▼

X  

PCK9447 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK9447
Description  3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9447 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK9447 Datasheet HTML 1Page - NXP Semiconductors PCK9447 Datasheet HTML 2Page - NXP Semiconductors PCK9447 Datasheet HTML 3Page - NXP Semiconductors PCK9447 Datasheet HTML 4Page - NXP Semiconductors PCK9447 Datasheet HTML 5Page - NXP Semiconductors PCK9447 Datasheet HTML 6Page - NXP Semiconductors PCK9447 Datasheet HTML 7Page - NXP Semiconductors PCK9447 Datasheet HTML 8Page - NXP Semiconductors PCK9447 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
9397 750 12522
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 October 2005
4 of 17
Philips Semiconductors
PCK9447
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
6.
Functional description
6.1 Function table
[1]
OE = 0 will high-impedance 3-state all outputs independent of CLK_STOP.
7.
Limiting values
8.
Characteristics
8.1 General characteristics
[1]
200 pF capacitor discharged via a 10
Ω resistor and a 0.75 µH inductor
[2]
100 pF capacitor discharged via a 1.5 k
Ω resistor
Table 3:
Function table
Control
Default
Logic 0
Logic 1
CLK_SEL
1
CCLK0 input selected
CCLK1 input selected
OE
1
outputs disabled
(high-impedance state) [1]
outputs enabled
CLK_STOP
1
outputs synchronously stopped
in logic LOW state
outputs active
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.3
+3.9
V
VI
input voltage
−0.3
VCC + 0.3
V
VO
output voltage
−0.3
VCC + 0.3
V
II
input current
-
±20
mA
IO
output current
-
±50
mA
Tstg
storage temperature
−65
+125
°C
Table 5:
General characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VTT
termination voltage
(output)
-VCC/2
-
V
Vesd
electrostatic discharge
voltage
Machine Model
[1] 200
-
-
V
Human Body
Model
[2] 2000
-
-
V
Ilatch(prot)
latch-up protection
current
200
-
-
mA
CPD
power dissipation
capacitance
per output
-
10
-
pF
Ci
input capacitance
inputs
-
4.0
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com