Electronic Components Datasheet Search
  English  ▼

X  

PCK9447 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK9447
Description  3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9447 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK9447 Datasheet HTML 3Page - NXP Semiconductors PCK9447 Datasheet HTML 4Page - NXP Semiconductors PCK9447 Datasheet HTML 5Page - NXP Semiconductors PCK9447 Datasheet HTML 6Page - NXP Semiconductors PCK9447 Datasheet HTML 7Page - NXP Semiconductors PCK9447 Datasheet HTML 8Page - NXP Semiconductors PCK9447 Datasheet HTML 9Page - NXP Semiconductors PCK9447 Datasheet HTML 10Page - NXP Semiconductors PCK9447 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
9397 750 12522
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 October 2005
7 of 17
Philips Semiconductors
PCK9447
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
[1]
Dynamic characteristics apply for parallel output termination of 50
Ω to V
TT.
[2]
Violation of the 1.0 ns maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference
input pulse width, output duty cycle, and maximum frequency specifications. CCLK0, CCLK1; 0.7 V to 1.7 V.
[3]
Setup and hold times are referenced to the falling edge of the selected clock signal input.
[4]
Pulse skew time is the absolute difference of the propagation delay times:
| t
PLH –tPHL |.
Table 9:
Dynamic characteristics (2.5 V)
Tamb = −40 °C to +85 °C; VCC = 2.5 V ± 5% [1] [2]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fi
input frequency
0
-
350
MHz
fo
output frequency
0
-
350
MHz
tW(i)(ref)
reference input pulse width
1.4
-
-
ns
tPLH, tPHL
propagation delay
CCLK0 or CCLK1 to any Q
1.7
-
4.4
ns
tPLZ, tPHZ
output disable time
-
-
11
ns
tPZL, tPZH
output enable time
-
-
11
ns
tsu
setup time
CCLK0 or CCLK1 to CLK_STOP
[3] 0.0
-
-
ns
th
hold time
CCLK0 or CCLK1 to CLK_STOP
[3] 1.0
-
-
ns
tsk(o)
output skew time
output-to-output
-
-
150
ps
tsk(pr)
process skew time
part-to-part
-
-
2.7
ns
tsk(p)
pulse skew time (output)
[4] -
-
200
ps
δo
output duty cycle
fq < 170 MHz; δref = 50 %
45
50
55
%
tr, tf
output rise/fall time
0.6 V to 1.8 V
0.1
-
1.0
ns
Fig 3.
Output clock stop (CLK_STOP) timing diagram
CCLK0
or
CCLK1
CLK_STOP
Q0 to Q8
002aaa717
The variation in cycle time of a signal between adjacent cycles, over a random sample of adjacent cycle pairs.
Fig 4.
Cycle-to-cycle jitter time
002aab293
tN
tN+1
tjit(cc) = | tN − tN+1 |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com