Electronic Components Datasheet Search
  English  ▼

X  

PCK9447 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK9447
Description  3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9447 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK9447 Datasheet HTML 6Page - NXP Semiconductors PCK9447 Datasheet HTML 7Page - NXP Semiconductors PCK9447 Datasheet HTML 8Page - NXP Semiconductors PCK9447 Datasheet HTML 9Page - NXP Semiconductors PCK9447 Datasheet HTML 10Page - NXP Semiconductors PCK9447 Datasheet HTML 11Page - NXP Semiconductors PCK9447 Datasheet HTML 12Page - NXP Semiconductors PCK9447 Datasheet HTML 13Page - NXP Semiconductors PCK9447 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
9397 750 12522
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 October 2005
10 of 17
Philips Semiconductors
PCK9447
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
At the load end the voltage will double, due to the near unity reflection coefficient, to 2.5 V.
It will then increment towards the quiescent 3.0 V in steps separated by one round trip
delay (in this case 4.0 ns).
Since this step is well above the threshold region it will not cause any false clock
triggering, however designers may be uncomfortable with unwanted reflections on the
line. To better match the impedances when driving multiple lines, the situation in Figure 13
should be used. In this case the series terminating resistors are reduced such that when
the parallel combination is added to the output buffer impedance the line impedance is
perfectly matched.
Fig 12. Single versus dual line termination waveforms
Fig 13. Optimized dual line termination
Z
O
50
Ω 50 Ω
R
S
33
Ω 33 Ω
R
O
17
Ω
=
||
=
||
=
V
L
3.0
25
16.5
17
25
++
-----------------------------------


1.28 V
=
=
time (ns)
014
12
48
002aaa679
3.0
voltage
(V)
−0.5
0
1.0
2.0
IN
OutA
td = 3.8956 ns
OutB
td = 3.9386 ns
Zo = 50 Ω
002aaa719
RS = 16 Ω
Zo = 50 Ω
RS = 16 Ω
PCK9447
OUTPUT
BUFFER
17
Ω
IN
Zo = 50 Ω
17
Ω 16 Ω 16 Ω
||
+
50
Ω 50 Ω
||
=
25
Ω
25
Ω
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com