Electronic Components Datasheet Search
  English  ▼

X  

PCK9447 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCK9447
Description  3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9447 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCK9447 Datasheet HTML 5Page - NXP Semiconductors PCK9447 Datasheet HTML 6Page - NXP Semiconductors PCK9447 Datasheet HTML 7Page - NXP Semiconductors PCK9447 Datasheet HTML 8Page - NXP Semiconductors PCK9447 Datasheet HTML 9Page - NXP Semiconductors PCK9447 Datasheet HTML 10Page - NXP Semiconductors PCK9447 Datasheet HTML 11Page - NXP Semiconductors PCK9447 Datasheet HTML 12Page - NXP Semiconductors PCK9447 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9397 750 12522
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 October 2005
9 of 17
Philips Semiconductors
PCK9447
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
9.
Application information
9.1 Driving transmission lines
The PCK9447 clock driver was designed to drive high-speed signals in a terminated
transmission line environment. To provide the optimum flexibility to the user the output
drivers were designed to exhibit the lowest impedance possible. With an output
impedance of 17
Ω (V
CC = 3.3 V) or 19 Ω (VCC = 2.5 V), the outputs can drive either
parallel or series terminated transmission lines.
In most high performance clock networks, point-to-point distribution of signals is the
method of choice. In a point-to-point scheme, either series terminated or parallel
terminated transmission lines can be used. The parallel technique terminates the signal at
the end of the line with a 50
Ω resistance to V
CC/2. This technique draws a fairly high level
of DC current, and thus only a single terminated line can be driven by each output of the
PCK9447 clock driver. For the series terminated case, however, there is no DC current
draw, thus the outputs can drive multiple series terminated lines. Figure 11, illustrates an
output driving a single series terminated line versus two series terminated lines in parallel.
When taken to its extreme, the fan-out of the PCK9447 clock driver is effectively doubled
due to its capability to drive multiple lines.
The waveform plots of Figure 12 show simulation results of an output driving a single line
versus two lines. In both cases the drive capability of the PCK9447 output buffer is more
than sufficient to drive 50
Ω transmission lines on the incident edge. Note from the delay
measurement in the simulations a delta of only 43 ps exists between the two differently
loaded outputs. This suggests that the dual line driving need not be used exclusively to
maintain the tight output-to-output skew of the PCK9447. The output waveform in
Figure 12 shows a step in the waveform; this step is caused by the impedance mismatch
seen looking into the driver. The parallel combination of the 33
Ω series resistor plus the
output impedance does not match the parallel combination of the line impedances. The
voltage wave launched down the two lines will equal:
Fig 11. Single versus dual transmission lines
Zo = 50 Ω
002aaa718
RS = 33 Ω
Zo = 50 Ω
RS = 33 Ω
PCK9447
OUTPUT
BUFFER
OutB1
OutB0
17
Ω
Zo = 50 Ω
RS = 33 Ω
PCK9447
OUTPUT
BUFFER
OutA
17
Ω
IN
IN
V
L
V
S
Z
O
R
S
R
O
Z
0
++
--------------------------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com