Electronic Components Datasheet Search
  English  ▼

X  

PCK9447 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCK9447
Description  3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9447 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCK9447 Datasheet HTML 4Page - NXP Semiconductors PCK9447 Datasheet HTML 5Page - NXP Semiconductors PCK9447 Datasheet HTML 6Page - NXP Semiconductors PCK9447 Datasheet HTML 7Page - NXP Semiconductors PCK9447 Datasheet HTML 8Page - NXP Semiconductors PCK9447 Datasheet HTML 9Page - NXP Semiconductors PCK9447 Datasheet HTML 10Page - NXP Semiconductors PCK9447 Datasheet HTML 11Page - NXP Semiconductors PCK9447 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
9397 750 12522
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 October 2005
8 of 17
Philips Semiconductors
PCK9447
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Fig 5.
Propagation delay (tPD) test reference
Fig 6.
Pulse skew time (tsk(p)) test reference
The pin-to-pin skew is defined as the worst-case
difference in propagation delay between any similar
delay path within a single device.
The time from the output controlled edge to the
non-controlled edge, divided by the time between
output controlled edges, expressed as a percentage.
Fig 7.
Output skew time (tsk(o))
Fig 8.
Output Duty Cycle (
δo)
(1) 2.4 V (VCC = 3.3 V)
1.8 V (VCC = 2.5 V)
(2) 0.55 V (VCC = 3.3 V)
0.6 V (VCC = 2.5 V)
Fig 9.
Output transition time test reference
Fig 10. Setup and hold time (tsu, th)
002aab288
tPD
CCLK
Qn
VCC
VCC/2
GND
VCC
VCC/2
GND
002aab290
tPLH
CCLK
Qn
VCC
VCC/2
GND
VCC
VCC/2
GND
tPHL
tsk(p) = | tPLH − tPHL |
002aab289
tsk(o)
VCC
VCC/2
GND
VCC
VCC/2
GND
tsk(o)
002aab291
tP
VCC
VCC/2
GND
T0
δ = (tP ÷ T0 × 100 %)
002aab292
tf
(1)
(2)
tr
002aab294
tsu
CCLK0
CCLK1
CLK_STOP
VCC
VCC/2
GND
VCC
VCC/2
GND
th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com