Electronic Components Datasheet Search
  English  ▼

X  

PCK9447 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK9447
Description  3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9447 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK9447 Datasheet HTML 1Page - NXP Semiconductors PCK9447 Datasheet HTML 2Page - NXP Semiconductors PCK9447 Datasheet HTML 3Page - NXP Semiconductors PCK9447 Datasheet HTML 4Page - NXP Semiconductors PCK9447 Datasheet HTML 5Page - NXP Semiconductors PCK9447 Datasheet HTML 6Page - NXP Semiconductors PCK9447 Datasheet HTML 7Page - NXP Semiconductors PCK9447 Datasheet HTML 8Page - NXP Semiconductors PCK9447 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The PCK9447 is a 3.3 V or 2.5 V compatible, 1 : 9 clock fan-out buffer targeted for high
performance clock tree applications. With output frequencies up to 350 MHz, and output
skews less than 150 ps, the device meets the needs of most demanding clock
applications.
The PCK9447 is specifically designed to distribute LVCMOS compatible clock signals up
to a frequency of 350 MHz. Each output provides a precise copy of the input signal with
near zero skew. The output buffers support driving of 50
Ω terminated transmission lines
on the incident edge: each is capable of driving either one parallel terminated or two
series terminated transmission lines.
Two selectable independent LVCMOS compatible clock inputs are available, providing
support of redundant clock source systems. The PCK9447 CLK_STOP control is
synchronous to the falling edge of the input clock. It allows the start and stop of the output
clock signal only in a logic LOW state, thus eliminating potential output runt pulses.
Applying the OE control will force the outputs into high-impedance mode.
All inputs have an internal pull-up or pull-down resistor preventing unused and open inputs
from floating. The device supports a 2.5 V or 3.3 V power supply and an ambient
temperature range of
−40 °Cto+85 °C. The PCK9447 is pin and function compatible but
performance-enhanced to the PCK947.
2.
Features
s 9 LVCMOS compatible clock outputs
s 2 selectable, LVCMOS compatible inputs
s Maximum clock frequency of 350 MHz
s Maximum clock skew of 150 ps
s Synchronous output stop in logic LOW state eliminates output runt pulses
s High-impedance output control
s 3.3 V or 2.5 V power supply
s Drives up to 18 series terminated clock lines
s Tamb = −40 °Cto+85 °C
s Available in LQFP32 package
s Supports clock distribution in networking, telecommunications and computer
applications
s Pin and function compatible to PCK947
PCK9447
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01 — 13 October 2005
Product data sheet


Similar Part No. - PCK9447

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
PCK9446BD PHILIPS-PCK9446BD Datasheet
94Kb / 17P
2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
PCK9448BD PHILIPS-PCK9448BD Datasheet
109Kb / 20P
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
More results

Similar Description - PCK9447

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
logo
Texas Instruments
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
ON Semiconductor
PCS2I2309NZ ONSEMI-PCS2I2309NZ Datasheet
110Kb / 6P
3.3 V 1:9 Clock Buffer
October, 2014 ??Rev. 0
PCS2P2309NZ ONSEMI-PCS2P2309NZ Datasheet
104Kb / 6P
3.3 V 1:9 Clock Buffer
August, 2011 ??Rev. P2
logo
Texas Instruments
LMK1C1106 TI-LMK1C1106 Datasheet
2Mb / 25P
LMK1C110x 1.8-V, 2.5-V, and 3.3-V LVCMOS Clock Buffer Family
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
MPC9449 RENESAS-MPC9449 Datasheet
583Kb / 12P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
2019
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com