Electronic Components Datasheet Search
  English  ▼

X  

PCK9447 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK9447
Description  3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9447 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK9447 Datasheet HTML 1Page - NXP Semiconductors PCK9447 Datasheet HTML 2Page - NXP Semiconductors PCK9447 Datasheet HTML 3Page - NXP Semiconductors PCK9447 Datasheet HTML 4Page - NXP Semiconductors PCK9447 Datasheet HTML 5Page - NXP Semiconductors PCK9447 Datasheet HTML 6Page - NXP Semiconductors PCK9447 Datasheet HTML 7Page - NXP Semiconductors PCK9447 Datasheet HTML 8Page - NXP Semiconductors PCK9447 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
9397 750 12522
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 October 2005
5 of 17
Philips Semiconductors
PCK9447
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
8.2 Static characteristics
[1]
The PCK9447is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50 Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives up to two 50 Ω series terminated transmission lines
(VCC = 3.3 V).
[2]
Inputs have pull-down or pull-up resistors affecting the input current.
[3]
Iq(max) is the DC current consumption of the device with all outputs open and the input in its default state or open.
[1]
The PCK9447 is capable of driving 50
Ω transmission lines on the incident edge. Each output drives one 50 Ω parallel terminated
transmission line to a termination voltage of VTT. Alternatively, the device drives one 50 Ω series terminated transmission line per output
(VCC = 2.5 V).
[2]
Inputs have pull-down or pull-up resistors affecting the input current.
[3]
Iq(max) is the DC current consumption of the device with all outputs open and the input in its default state or open.
Table 6:
Static characteristics (3.3 V)
Tamb = −40 °C to +85 °C; VCC = 3.3 V ± 5%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-state input voltage
LVCMOS
2.0
-
VCC + 0.3 V
VIL
LOW-state input voltage
LVCMOS
–0.3
-
+0.8
V
VOH
HIGH-state output voltage
IOH = −24 mA
[1] 2.4
-
-
V
VOL
LOW-state output voltage
IOL = 24 mA
-
-
0.55
V
IOL = 12 mA
-
-
0.30
V
Zo
output impedance
-
17
-
Ω
II
input current
VI =VCC or GND
[2] --
±300
µA
Iq(max)
maximum quiescent current
all VCC pins
[3] -
-
2.0
mA
Table 7:
Static characteristics (2.5 V)
Tamb = −40 °C to +85 °C; VCC = 2.5 V ± 5%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-state input voltage
LVCMOS
1.7
-
VCC + 0.3 V
VIL
LOW-state input voltage
LVCMOS
−0.3
-
+0.7
V
VOH
HIGH-state output voltage
IOH = −15 mA
[1] 1.8
-
-
V
VOL
LOW-state output voltage
IOL =15mA
-
-
0.6
V
Zo
output impedance
-
19
-
Ω
II
input current
VI =VCC or GND
[2] --
±300
µA
Iq(max)
maximum quiescent current
all VCC pins
[3] -
-
2.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com